Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 135 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 135 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 131Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 132Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 133Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 134Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 135Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 136Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 137Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 221 page
background image
!Caution
s Rating
1. Temperature Dependent Characteristics
2. Measurement of Capacitance
1. The electrical characteristics of the capacitor can change
with temperature.
1-1. For capacitors having larger temperature
dependency, the capacitance may change with
temperature changes.
The following actions are recommended in order to
ensure suitable capacitance values.
(1) Select a suitable capacitance for the operating
temperature range.
(2) The capacitance may change within the rated
temperature.
When you use a high dielectric constant type
capacitor in a circuit that needs a tight (narrow)
capacitance tolerance. (e. g., a time constant
circuit), please carefully consider the
characteristics of these capacitors, such as their
aging, voltage, and temperature characteristics.
And check capacitors using your actual
appliances at the intended environment and
operating conditions.
1. Measure capacitance with the voltage and the frequency
specified in the product specifications.
1-1. The output voltage of the measuring equipment may
decrease occasionally when capacitance is high.
Please confirm whether a prescribed measured
voltage is impressed to the capacitor.
1-2. The capacitance values of high dielectric constant
type capacitors change depending on the AC voltage
applied. Please consider the AC voltage
characteristics when selecting a capacitor to be used
in an AC circuit.
Continued on the following page.
-20
-15
-10
-5
0
5
10
15
20
-75
-50
-25
0
25
50
75
100
Temperature (
°C)
Typical Temperature Characteristics R6(X5R)
Temperature (
°C)
Typical Temperature Characteristics F5(Y5V)
Typical Temperature Characteristics R7(X7R)
-20
-15
-10
-5
0
5
10
15
20
-75
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
-100
-80
-60
-40
-20
0
20
40
-50
-25
0
25
50
75
100
!Caution
133
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com