Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 132 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 132 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 128Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 129Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 130Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 131Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 132Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 133Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 134Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 135Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 136Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 221 page
background image
(3) Dimensions of Embossed Tape
8mm width, 4mm pitch Tape
12mm width, 8mm pitch Tape
A
Part Number
B
GRM21
(T
U1.0mm)
LLL21
LLA21, LLM21
GRM31
(T
U1.15mm)
LLL31
LLA31, LLM31
GNM31
(T
U1.0mm)
GRM32
(T
U1.0mm)
1.45
±0.2
2.8
±0.2
1.9
±0.2
2.25
±0.2
3.5
±0.2
LLL18, LLR18
LLA18
1.05
±0.1
1.85
±0.1
GQM22
2.8*
3.5*
3.5
±0.2
A*
Part Number
B*
GRM43
GRM55
3.6
4.9
5.2
6.1
*Nominal Value
*Nominal Value
(in mm)
4.0
±0.1
4.0
±0.1
1.75
±0.1
Direction of feed
A
2.0
±0.1
0.2
±0.1 (LLp)
0.25
±0.1 (TV2.0mm)
0.3
±0.1 (T=2.5mm)
2.5 max.
ø1.5
+0.1
-0
(3.0 max. for T=1.8/2.0mm)
(3.7 max. for T
U2.5mm)
8.0
±0.1
4.0
±0.1
1.75
±0.1
Direction of feed
2.0
±0.1
0.3
±0.1
2.5 max.
for GRM43/55
(3.7 max. for T=2.5mm)
(4.7 max. for T
U3.0mm)
ø1.5
+0.1
-0
A
(4) Taping Method
q Tapes for capacitors are wound clockwise. The
sprocket holes are to the right as the tape is pulled
toward the user.
w Part of the leader and part of the empty tape should be
attached to the end of the tape as follows.
e The top tape and base tape are not attached at the
end of the tape for a minimum of 5 pitches.
r Missing capacitors number within 0.1% of the number
per reel or 1 pc, whichever is greater, and are not
continuous.
t The top tape and bottom tape should not protrude
beyond the edges of the tape and should not cover
sprocket holes.
y Cumulative tolerance of sprocket holes, 10 pitches:
±0.3mm.
u Peeling off force: 0.1 to 0.6N* in the direction shown
at right.
165 to
180˚
Base Tape
Top Tape
Direction of Feed
160 min.
190 min.
210 min.
(Top Tape alone)
(in mm)
Vacant Section Chip-mounting Unit
Vacant Section
Leader unit
Continued on the following page.
Continued from the preceding page.
4mm width, 1mm pitch Tape
A*
Part Number
B*
GRM02
0.23
0.43
*Nominal Value
*GRM02
GRM03
GJM03
GMD03}
: 0.05 to 0.5N
2.0
±0.04
ø0.8
±0.04
1.0
±0.02
1.0
±0.02
0.15 to 0.4
A
0.5 max.
Package
130
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com