Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 134 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 134 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 130Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 131Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 132Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 133Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 134Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 135Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 136Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 137Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 221 page
background image
!Caution
1. The performance of chip monolithic ceramic capacitors
may be affected by the storage conditions.
1-1. Store capacitors in the following conditions:
Temperature of +5
°C to +40°C and a Relative
Humidity of 20% to 70%.
(1) Sunlight, dust, rapid temperature changes,
corrosive gas atmosphere or high temperature
and humidity conditions during storage may affect
the solderability and the packaging performance.
Please use product within six months of receipt.
(2) Please confirm solderability before using after
six months. Store the capacitors without opening
the original bag. Even if the storage period is
short, do not exceed the specified atmospheric
conditions.
1-2. Corrosive gas can react with the termination
(external) electrodes or lead wires of capacitors, and
result in poor solderability. Do not store the
capacitors in an atmosphere consisting of corrosive
gas (e.g., hydrogen sulfide, sulfur dioxide, chlorine,
ammonia gas, etc.).
1-3. Due to moisture condensation caused by rapid
humidity changes, or the photochemical change
caused by direct sunlight on the terminal electrodes
and/or the resin/epoxy coatings, the solderability and
electrical performance may deteriorate. Do not store
capacitors under direct sunlight or in high humidity
conditions.
s Storage and Operation conditions
!Caution
132
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com