Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 141 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 141 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 137Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 140Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 141Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 142Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 145Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 221 page
background image
!Caution
5. Optimum Solder Amount for Flow Soldering
5-1. The top of the solder fillet should be lower than the
thickness of components. If the solder amount is
excessive, the risk of cracking is higher during board
bending or any other stressful condition.
GRM18/21/31
LLL21/31
GQM18/21
∆TV150°C
Part Number
Temperature Differential
Table 2
[Standard Conditions for Flow Soldering]
[Allowable Flow Soldering Temperature and Time]
In a case of repeated soldering, the accumulated
soldering time must be within the range shown above.
,,,
,,,








Soldering Time (sec.)
260
270
280
250
240
230
220
010
20
30
40
Up to Chip Thickness
Adhesive
Continued from the preceding page.
Continued on the following page.
Recommended Conditions
Soldering Peak Temperature
Atmosphere
Pb-Sn Solder
240 to 250
°C
Air
Lead Free Solder
250 to 260
°C
Preheating Peak Temperature
90 to 110
°C
100 to 120
°C
N2
30-90 seconds
5 seconds max.
∆T
Gradual
Cooling
Soldering
Preheating
Preheating
Peak
Temperature
Time
Temperature (
D)
Soldering
Peak
Temperature
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
4-2. Flow Soldering
1. When sudden heat is applied to the components, the
mechanical strength of the components will decrease
because a sudden temperature change causes
deformation inside the components. In order to prevent
mechanical damage in the components, preheating
should be required for both of the components and the
PCB board.
Preheating conditions are shown in table 2. It is required
to keep the temperature differential between the solder
and the component's surface (
∆T) as small as possible.
2. Excessively long soldering time or high soldering
temperature can result in leaching of the outer electrodes,
causing poor adhesion or a reduction in capacitance
value due to loss of contact between electrodes and end
termination.
3. When components are immersed in solvent after
mounting, be sure to maintain the temperature difference
(
∆T) between the component and solvent within the range
shown in the table 2.
4. Do not apply flow soldering to chips not listed in table 2.
,,,,
,,,,
,,,,









in section
!Caution
139
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com