Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 140 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 140 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 136Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 137Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 138Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 139Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 140Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 141Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 142Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 143Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 144Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 221 page
background image
!Caution
4-1. Reflow Soldering
1. When sudden heat is applied to the components, the
mechanical strength of the components will decrease
because a sudden temperature change causes
deformation inside the components. In order to prevent
mechanical damage to the components, preheating is
required for both the components and the PCB board.
Preheating conditions are shown in table 1. It is required to
keep the temperature differential between the solder and
the component's surface (
∆T) as small as possible.
2. Solderability of Tin plating termination chips might be
deteriorated when a low temperature soldering profile
where the peak solder temperature is below the melting
point of Tin is used. Please confirm the Solderability of Tin
plated termination chips before use.
3. When components are immersed in solvent after mounting,
be sure to maintain the temperature difference (
∆T)
between the component and the solvent within the range
shown in the table 1.
GRM02/03/15/18/21/31
GJM03/15
LLL15/18/21/31
LLR18
GQM18/21
GRM32/43/55
LLA18/21/31
LLM21/31
GNM
GQM22
∆TV190°C
∆TV130°C
Part Number
Temperature Differential
Table 1
Recommended Conditions
[Standard Conditions for Reflow Soldering]
[Allowable Reflow Soldering Temperature and Time]
In a case of repeated soldering, the accumulated
soldering time must be within the range shown above.
,,,
,,,
,,,







Soldering Time (sec.)
260
270
280
250
240
230
220
0
30
60
90
120
Inverting the PCB
Make sure not to impose any abnormal mechanical shocks
to the PCB.
Continued from the preceding page.
Continued on the following page.
Peak Temperature
Atmosphere
Pb-Sn Solder
Infrared Reflow
230 to 250
°C
Air
Vapor Reflow
230 to 240
°C
Air
Lead Free Solder
240 to 260
°C
Air or N2
Infrared Reflow
Vapor Reflow
60-120 seconds 30-60 seconds
,,,
,,,
,,,









∆T
Gradual
Cooling
Soldering
Preheating
200
°C
170
°C
150
°C
130
°C
Time
Temperature (
D)
Peak Temperature
60-120 seconds
20 seconds max.
∆T
Gradual
Cooling
Soldering
Preheating
170
°C
150
°C
130
°C
Time
Temperature (
D)
Peak Temperature
,,,
,,,
,,,









Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
4. Optimum Solder Amount for Reflow Soldering
4-1. Overly thick application of solder paste results in a
excessive solder fillet height.
This makes the chip more susceptible to mechanical
and thermal stress on the board and may cause the
chips to crack.
4-2. Too little solder paste results in a lack of adhesive
strength on the outer electrode, which may result in
chips breaking loose from the PCB.
4-3. Make sure the solder has been applied smoothly to
the end surface to a height of 0.2mm* min.
0.2mm∗ min.
∗ GRM02/03: 1/3 of Chip Thickness min.
in section
!Caution
138
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com