Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 157 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 157 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 153Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 154Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 160Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 161Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 221 page
background image
5. Break Strength
(1) Test Method
Place the chip on a steel plate as illustrated on the right.
Increase load applied to a point near the center of the
test sample.
(2) Test Samples
GRM21 5C/R7/F5 Characteristics
GRM31 5C/R7/F5 Characteristics
(3) Acceptance Criteria
Define the load that has caused the chip to break or
crack, as the bending force.
(4) Explanation
Break strength, P, is proportionate to the square of the
thickness of the ceramic element and is expressed as a
curve of secondary degree.
The formula is:
W : Width of ceramic element
(mm)
T : Thickness of element
(mm)
L : Distance between fulcrums
(mm)
γ : Bending stress
(N/mm2)
(5) Results
Chip Size
LW
5C
Charac-
teristics
R7
Charac-
teristics
γ
F5
Charac-
teristics
GRM21
2.7 1.5
1.5 1.2
300
180
160
GRM31
P=
(N)
2γ WT2
3L
W
T
L
(in mm)
GRM21
GRM31
6. Thermal Shock
(1) Test method
After applying flux (an ethanol solution of 25% rosin), dip
the chip in a solder bath (6
Z4 eutectic solder) in
accordance with the following
conditions:
(2) Test samples
GRM21 5C/R7/F5 Characteristics T=0.6mm typical
(3) Acceptance criteria
Visually inspect the test sample with a 60-power optical
microscope. Chips exhibiting breaks or cracks should be
determined to be defective.
Storage
scope
Amplifier
Load cell
Sample
Steel plate
P
Pressurizing
speed: 2.5mm/sec.
Loading Jig End
φ1.0mm
P0.5mm
0
20
40
60
80
100
120
140
R7
F5
0
0.4
0.8
1.2
1.6
Thickness of Ceramic Element (mm)
5C
F5
R7
5C
0
20
40
60
80
100
120
140
0
0.4
0.8
1.2
1.6
Thickness of Ceramic Element (mm)
Dipping Speed: 25mm/sec.
Chip Capacitor
Solder Bath
Solder
Temperature
Natural
Cooling
2 sec.
Time
25
D
∆T
Continued from the preceding page.
Continued on the following page.
Reference Data
155
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com