Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 159 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 159 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 155Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 156Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 157Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 158Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 159Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 160Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 161Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 162Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 163Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 221 page
background image
8. Thermal Shock when Making Corrections with a
Soldering Iron
(1) Test Method
Apply a soldering iron meeting the conditions below to
the soldered joint of a chip that has been soldered to a
paper phenol board, while supplying wire solder. (Note:
the soldering iron tip should not directly touch the ceramic
element of the chip.)
(2) Test Samples
GRM21 5C/R7/F5 Characteristics T=0.6mm
(3) Acceptance Criteria for Defects
Observe the appearance of the test sample with a
60-power optical microscope. Those units displaying any
breaks or cracks are determined to be defective.
(4) Results
Soldering Iron
Tip Diameter
Ceramic heater 20W
ø3mm
GRM21 5C (T=0.6)
GRM21 R7 (T=0.6)
GRM21 F5 (T=0.6)
Mounting Solder
Paper Phenol Substrate
Wire Solder
Soldering lron
Duration of
Touching :
Approx. 3 sec.
100
200
Soldering Iron Tip Temperature (
D)
80
60
40
20
0
240
280
320
360
100
200
80
60
40
20
0
240
280
320
360
100
200
80
60
40
20
0
240
280
320
360
Soldering Iron Tip Temperature (
D)
Soldering Iron Tip Temperature (
D)
Continued from the preceding page.
Reference Data
157
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com