Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 166 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 166 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 162Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 163Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 164Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 165Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 166Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 167Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 168Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 169Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 170Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 221 page
background image
Medium Voltage Low Dissipation Factor Specifications and Test Methods
Continued from the preceding page.
* "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Apply voltage as in Table for 1,000
W48
Y 0
hrs. at maximum
operating temperature
T3D.
Remove and let sit for 24
T2 hrs. at room condition,* then
measure.
The charge/discharge current is less than 50mA.
16
Life
Appearance
No marking defects
Capacitance
Change
Within
T3.0%
Q
350 min.
I.R.
More than 1,000M
Ω
Dielectric
Strength
In accordance with item No.4
Let the capacitor sit at 40
T2D and relative humidity of 90 to 95%
for 500
W24
Y 0
hrs.
Remove and let sit for 24
T2 hrs. at room condition,* then
measure.
15
Humidity
(Steady
State)
Appearance
No marking defects
Capacitance
Change
Within
T5.0%
Q
350 min.
I.R.
More than 1,000M
Ω
Dielectric
Strength
In accordance with item No.4
Fix the capacitor to the supporting jig (glass epoxy board) shown
in Fig. 4.
Perform the 5 cycles according to the 4 heat treatments listed in
the following table.
Let sit for 24
T2 hrs. at room condition,* then measure.
Fig. 4
14
Temperature
Cycle
Appearance
No marking defects
Capacitance
Change
Within
T2.5%
Q
500 min.
I.R.
More than 10,000M
Ω
Dielectric
Strength
In accordance with item No.4
Preheat the capacitor at 120 to 150
D* for 1 min.
Immerse the capacitor in solder solution at 260
T5D for 10T1 sec.
Let sit at room condition* for 24
T2 hrs., then measure.
#Immersing speed: 25T2.5mm/s
*Preheating for more than 3.2Z2.5mm
13
Resistance
to Soldering
Heat
Appearance
No marking defects
Capacitance
Change
Within
T2.5%
Q
1,000 min.
I.R.
More than 10,000M
Ω
Dielectric
Strength
In accordance with item No.4
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion). Immerse in
solder solution for 2
T0.5 sec.
Immersing speed: 25
T2.5mm/s
Temp. of solder: 245
T5°C Lead Free Solder (Sn-3.0Ag-0.5Cu)
235
T5°C H60A or H63A Eutectic Solder
12
Solderability of
Termination
75% of the terminations are to be soldered evenly
and continuously.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 2.
Then apply a force in the direction shown in Fig. 3.
The soldering should be done using the reflow method and
should be conducted with care so that the soldering is uniform
and free of defects such as heat shock.
Fig. 3
11
Deflection
No marking defects
Fig. 2
No.
Test Method
Specifications
Item
L
ZW
(mm)
a
Dimension (mm)
1.2
2.2
2.2
3.5
b
4.0
5.0
5.0
7.0
c
1.65
2.0
2.9
2.4
d
1.0
2.0
Z1.25
3.2
Z1.6
3.2
Z2.5
4.5
Z2.0
Step
Temperature
100 to 120
D
170 to 200
D
Time
1 min.
1 min.
1
2
Step
Temperature (
D)
Min. Operating Temp.
T3
Room Temp.
Max. Operating Temp.
T2
Room Temp.
Time (min.)
30
T3
2 to 3
30
T3
2 to 3
1
2
3
4
Rated Voltage
Applied Voltage
150% of the rated voltage
120% of the rated voltage
DC250V
DC630V, DC1kV,
DC2kV, DC3.15kV
Capacitance meter
Flexure=1
(in mm)
20 50
R230
45
45
Pressurizing
speed: 1.0mm/s
Pressurize
Solder resist
Cu
Glass Epoxy Board
b
a
c
100
φ4.5
t : 1.6
d
GRM Series Specifications and Test Methods
165
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com