Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 169 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 169 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 165Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 166Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 167Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 168Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 169Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 170Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 171Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 172Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 173Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 221 page
background image
Continued on the following page.
Step
Temperature (
°C)
25
±2
Min. Operating Temp.
±3
25
±2
Max. Operating Temp.
±2
25
±2
1
2
3
4
5
* "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Solder the capacitor to the test jig (glass epoxy board).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should be
traversed in approximately 1 min. This motion should be applied
for a period of 2 hrs. in each of 3 mutually perpendicular
directions (total of 6 hrs.).
10
Vibration
Resistance
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
D.F.
0.025 max.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 1.
Then apply 10N force in the direction of the arrow.
The soldering should be done using the reflow method and
should be conducted with care so that the soldering is uniform
and free of defects such as heat shock.
Fig. 1
9
Adhesive Strength
of Termination
No removal of the terminations or other defect should occur.
The capacitance measurement should be made at each step
specified in the Table.
•Pretreatment
Perform a heat treatment at 150
+0
–10
°C for 60±5 min. and then
let sit for 24
±2 hrs. at room condition.*
8
Capacitance
Temperature
Characteristics
Cap. Change
Within
±15%
(Temp. Range: –55 to +125
°C)
7
Dissipation
Factor (D.F.)
0.025 max.
The capacitance/D.F. should be measured at a frequency of
1
±0.2kHz and a voltage of AC1±0.2V(r.m.s.)
6
Capacitance
Within the specified tolerance
The insulation resistance should be measured with DC500
±50V
(DC250
±25V in case of rated voltage: DC250V) and within 60±5
sec. of charging.
5
Insulation Resistance
(I.R.)
C
U0.01µF: More than 100MΩ • µF
C
F0.01µF: More than 10,000MΩ
No failure should be observed when 150% of the rated voltage
(200% of the rated voltage in case of rated voltage: DC250V,
120% of the rated voltage in case of rated voltage: DC1kV) is
applied between the terminations for 1 to 5 sec., provided the
charge/discharge current is less than 50mA.
4
Dielectric Strength
No defects or abnormalities
Using calipers and micrometers
3
Dimensions
Within the specified dimensions
Visual inspection
2
Appearance
No defects or abnormalities
–
1
Operating
Temperature Range
–55 to +125
°C
No.
Test Method
Specifications
Item
Solder resist
Cu
Glass Epoxy Board
10N (5N : Size 1.6g0.8mm only), 10
T1s
Glass Epoxy Board
Medium Voltage High Capacitance for General Use Specifications and Test Methods
GRM Series Specifications and Test Methods
168
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com