Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 172 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 172 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 168Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 169Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 170Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 171Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 172Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 173Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 174Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 175Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 176Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 221 page
background image
171
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors (Medium Voltage)
Soft Termination Type GRJ series
L
W
e
e
g
Part Number
LW
T
Dimensions (mm)
g min.
3.2
±0.2
1.6
±0.2
1.25 +0,-0.3
1.2
2.2
3.2
1.6
±0.2
1.5 +0,-0.3
1.5 +0,-0.3
2.0 +0,-0.3
2.0 +0,-0.3
2.0 +0,-0.3
3.2
±0.3
2.5
±0.2
4.5
±0.4
3.2
±0.3
5.7
±0.4
5.0
±0.4
e
0.3 min.
GRJ31B
GRJ31C
2.0
±0.2 1.25 ±0.2
1.0 +0,-0.3
0.7
1.25
±0.2
GRJ21A
GRJ21B
GRJ32Q
GRJ32D
GRJ43Q
GRJ43D
GRJ55D
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GRJ21AR72E102KWJ1D
DC250
X7R (EIA)
1000pF
±10%
2.0
1.25
1.0
0.7
0.3 min.
GRJ21AR72E152KWJ1D
DC250
X7R (EIA)
1500pF
±10%
2.0
1.25
1.0
0.7
0.3 min.
GRJ21AR72E222KWJ1D
DC250
X7R (EIA)
2200pF
±10%
2.0
1.25
1.0
0.7
0.3 min.
GRJ21AR72E332KWJ1D
DC250
X7R (EIA)
3300pF
±10%
2.0
1.25
1.0
0.7
0.3 min.
GRJ21AR72E472KWJ1D
DC250
X7R (EIA)
4700pF
±10%
2.0
1.25
1.0
0.7
0.3 min.
GRJ21AR72E682KWJ1D
DC250
X7R (EIA)
6800pF
±10%
2.0
1.25
1.0
0.7
0.3 min.
GRJ21BR72E103KWJ3L
DC250
X7R (EIA)
10000pF
±10%
2.0
1.25
1.25
0.7
0.3 min.
GRJ31BR72E153KWJ1L
DC250
X7R (EIA)
15000pF
±10%
3.2
1.6
1.25
1.2
0.3 min.
GRJ31BR72E223KWJ1L
DC250
X7R (EIA)
22000pF
±10%
3.2
1.6
1.25
1.2
0.3 min.
GRJ31CR72E333KWJ3L
DC250
X7R (EIA)
33000pF
±10%
3.2
1.6
1.6
1.2
0.3 min.
GRJ31CR72E473KWJ3L
DC250
X7R (EIA)
47000pF
±10%
3.2
1.6
1.6
1.2
0.3 min.
GRJ31BR72E683KWJ1L
DC250
X7R (EIA)
68000pF
±10%
3.2
1.6
1.25
1.2
0.3 min.
GRJ32QR72E683KWJ1L
DC250
X7R (EIA)
68000pF
±10%
3.2
2.5
1.5
1.2
0.3 min.
GRJ31CR72E104KWJ3L
DC250
X7R (EIA)
0.10
µF ±10%
3.2
1.6
1.6
1.2
0.3 min.
GRJ32DR72E104KWJ1L
DC250
X7R (EIA)
0.10
µF ±10%
3.2
2.5
2.0
1.2
0.3 min.
GRJ32QR72E154KWJ1L
DC250
X7R (EIA)
0.15
µF ±10%
3.2
2.5
1.5
1.2
0.3 min.
GRJ43QR72E154KWJ1L
DC250
X7R (EIA)
0.15
µF ±10%
4.5
3.2
1.5
2.2
0.3 min.
GRJ32DR72E224KWJ1L
DC250
X7R (EIA)
0.22
µF ±10%
3.2
2.5
2.0
1.2
0.3 min.
GRJ43DR72E224KWJ1L
DC250
X7R (EIA)
0.22
µF ±10%
4.5
3.2
2.0
2.2
0.3 min.
GRJ43DR72E334KWJ1L
DC250
X7R (EIA)
0.33
µF ±10%
4.5
3.2
2.0
2.2
0.3 min.
GRJ55DR72E334KWJ1L
DC250
X7R (EIA)
0.33
µF ±10%
5.7
5.0
2.0
3.2
0.3 min.
GRJ43DR72E474KWJ1L
DC250
X7R (EIA)
0.47
µF ±10%
4.5
3.2
2.0
2.2
0.3 min.
GRJ55DR72E474KWJ1L
DC250
X7R (EIA)
0.47
µF ±10%
5.7
5.0
2.0
3.2
0.3 min.
GRJ55DR72E105KWJ1L
DC250
X7R (EIA)
1.0
µF ±10%
5.7
5.0
2.0
3.2
0.3 min.
GRJ31BR72J102KWJ1L
DC630
X7R (EIA)
1000pF
±10%
3.2
1.6
1.25
1.2
0.3 min.
GRJ31BR72J152KWJ1L
DC630
X7R (EIA)
1500pF
±10%
3.2
1.6
1.25
1.2
0.3 min.
GRJ31BR72J222KWJ1L
DC630
X7R (EIA)
2200pF
±10%
3.2
1.6
1.25
1.2
0.3 min.
Continued on the following page.
s Features
1. Improves endurance against Board Bending Stress.
2. Reduces the board bending stress by the conductive
polymer termination.
3. Use the GRJ21/31 types with flow or reflow
soldering, and other types with reflow soldering
only.
s Applications
1. Ideal for use on diode-snubber circuits for
switching power supplies.
2. Ideal for use as primary-secondary coupling for
DC-DC converters.
3. Ideal for use on line filters and ringer detectors
for telephones, facsimiles and modems.
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com