Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 175 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 175 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 171Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 172Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 173Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 174Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 175Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 176Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 177Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 178Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 179Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 221 page
background image
Continued from the preceding page.
Continued on the following page.
* "Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Let the capacitor sit at 40
±2°C and relative humidity of 90 to 95%
for 500
+24
–0
hrs.
Remove and let sit for 24
±2 hrs. at room condition,* then
measure.
•Pretreatment
Perform a heat treatment at 150
+0
–10
°C for 60±5 min. and then
let sit for 24
±2 hrs. at room condition.*
15
Humidity
(Steady
State)
Appearance
No marking defects
Capacitance
Change
Within
±15%
D.F.
0.05 max.
I.R.
C
U0.01µF: More than 10MΩ • µF
C
F0.01µF: More than 1,000MΩ
Dielectric
Strength
In accordance with item No.4
Fix the capacitor to the supporting jig (glass epoxy board) shown
in Fig. 4.
Perform the 5 cycles according to the 4 heat treatments listed in
the following table.
Let sit for 24
±2 hrs. at room condition,* then measure.
•Pretreatment
Perform a heat treatment at 150
+0
–10
°C for 60±5 min. and then
let sit for 24
±2 hrs. at room condition.*
Fig. 4
14
Temperature
Cycle
Appearance
No marking defects
Capacitance
Change
Within
±7.5%
D.F.
0.025 max.
I.R.
C
U0.01µF: More than 100MΩ • µF
C
F0.01µF: More than 10,000MΩ
Dielectric
Strength
In accordance with item No.4
Preheat the capacitor at 120 to 150
°C* for 1 min.
Immerse the capacitor in solder solution at 260
±5°C for 10±1
sec. Let sit at room condition* for 24
±2 hrs., then measure.
•Immersing speed:
25
±2.5mm/s
•Pretreatment
Perform a heat treatment at 150
+0
–10
°C for 60±5 min. and then
let sit for 24
±2 hrs. at room condition.*
*Preheating for more than 3.2Z2.5mm
13
Resistance
to Soldering
Heat
Appearance
No marking defects
Capacitance
Change
Within
±10%
D.F.
0.025 max.
I.R.
C
U0.01µF: More than 100MΩ • µF
C
F0.01µF: More than 10,000MΩ
Dielectric
Strength
In accordance with item No.4
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion).
Immerse in solder solution for 2
±0.5 sec.
Immersing speed: 25
±2.5mm/s
Temp. of solder: 245
±5°C Lead Free Solder (Sn-3.0Ag-0.5Cu)
235
±5°C H60A or H63A Eutectic Solder
12
Solderability of
Termination
75% of the terminations are to be soldered evenly and continuously.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 2.
Then apply a force in the direction shown in Fig. 3.
The soldering should be done using the reflow method and
should be conducted with care so that the soldering is uniform
and free of defects such as heat shock.
(in mm)
Fig. 3
11
Deflection
No marking defects
Within
±12.5%
Fig. 2
Appearance
Capacitance
Change
No.
Test Method
Specifications
Item
b
a
c
100
φ4.5
t : 1.6
d
Capacitance meter
Flexure=3
20 50
R230
45
45
Pressurizing
speed: 1.0mm/s
Pressurize
L
ZW
(mm)
Dimension (mm)
a
1.2
2.2
2.2
3.5
4.5
b
4.0
5.0
5.0
7.0
8.0
c
1.65
2.0
2.9
3.7
5.6
d
1.0
2.0
Z1.25
3.2
Z1.6
3.2
Z2.5
4.5
Z3.2
5.7
Z5.0
Step
Temperature
100 to 120
°C
170 to 200
°C
Time
1 min.
1 min.
1
2
Step
Temperature (
°C)
Min. Operating Temp.
±3
Room Temp.
Max. Operating Temp.
±2
Room Temp.
Time (min.)
30
±3
2 to 3
30
±3
2 to 3
1
2
3
4
Solder resist
Cu
Glass Epoxy Board
Medium Voltage Soft Termination Type GRJ Series Specifications and Test Methods
GRJ Series Specifications and Test Methods
174
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com