Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 195 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 195 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 191Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 197Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 198Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 199Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 221 page
background image
194
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
Safety Standard Certified GA3 Series IEC60384-14 Class Y3 Type GD
s Features
1. Available for equipment based on IEC/EN60950
and UL1950.
2. Type GD can be used as a Y3-class capacitor.
3. A new monolithic structure for small, high
capacitance capable of operating at high voltage
levels.
4. +125 degree C guaranteed
5. Only for reflow soldering
s Applications
1. Ideal for use on line filters and couplings for
DAA modems without transformers
2. Ideal for use on line filters for information
equipment
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
Part Number
LT
W
Dimensions (mm)
g min.
e min.
2.0
±0.2
1.0 +0, -0.3
GA342A
GA342D
GA342Q
GA343D
GA343Q
4.5
±0.3
2.5
0.3
2.0
±0.2
4.5
±0.4 3.2 ±0.3
1.5 +0, -0.3
2.0 +0, -0.3
1.5 +0, -0.3
L
W
e
e
g
s Standard Certification
UL
SEMKO
Rated Voltage
Standard No.
Class
UL 60950-1
IEC 60384-14
EN 60384-14
Y3
AC250V(r.m.s.)
Applications
Communication
network devices
such as a modem
Size
Switching power
supplies
4.5
×3.2mm and under
Y
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GA342D1XGD100JY02L
AC250 (r.m.s.)
SL (JIS)
10
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGD120JY02L
AC250 (r.m.s.)
SL (JIS)
12
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGD150JY02L
AC250 (r.m.s.)
SL (JIS)
15
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGD180JY02L
AC250 (r.m.s.)
SL (JIS)
18
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGD220JY02L
AC250 (r.m.s.)
SL (JIS)
22
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342A1XGD270JW31L
AC250 (r.m.s.)
SL (JIS)
27
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGD330JW31L
AC250 (r.m.s.)
SL (JIS)
33
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGD390JW31L
AC250 (r.m.s.)
SL (JIS)
39
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGD470JW31L
AC250 (r.m.s.)
SL (JIS)
47
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGD560JW31L
AC250 (r.m.s.)
SL (JIS)
56
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGD680JW31L
AC250 (r.m.s.)
SL (JIS)
68
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGD820JW31L
AC250 (r.m.s.)
SL (JIS)
82
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342QR7GD101KW01L
AC250 (r.m.s.)
X7R (EIA)
100
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GD151KW01L
AC250 (r.m.s.)
X7R (EIA)
150
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GD221KW01L
AC250 (r.m.s.)
X7R (EIA)
220
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GD331KW01L
AC250 (r.m.s.)
X7R (EIA)
330
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GD471KW01L
AC250 (r.m.s.)
X7R (EIA)
470
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GD681KW01L
AC250 (r.m.s.)
X7R (EIA)
680
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GD102KW01L
AC250 (r.m.s.)
X7R (EIA)
1000
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GD152KW01L
AC250 (r.m.s.)
X7R (EIA)
1500
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA343QR7GD182KW01L
AC250 (r.m.s.)
X7R (EIA)
1800
±10%
4.5
3.2
1.5
2.5
0.3 min.
GA343QR7GD222KW01L
AC250 (r.m.s.)
X7R (EIA)
2200
±10%
4.5
3.2
1.5
2.5
0.3 min.
GA343DR7GD472KW01L
AC250 (r.m.s.)
X7R (EIA)
4700
±10%
4.5
3.2
2.0
2.5
0.3 min.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com