Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 196 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 196 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 197Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 198Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 199Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 200Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 221 page
background image
195
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
Safety Standard Certified GA3 Series IEC60384-14 Class X2 Type GB
s Features
1. Type GB can be used as an X2-class capacitor.
2. Chip monolithic ceramic capacitor (certified as
conforming to safety standards) for AC lines.
3. A new monolithic structure for small, high
capacitance capable of operating at high voltage
levels.
4. Compared to lead type capacitors, this new
capacitor is greatly downsized and low-profiled to
1/10 or less in volume, and 1/4 or less in height.
5. +125 degree C guaranteed
6. Only for reflow soldering
s Applications
Ideal for use as X capacitor for various switching
power supplies
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
Part Number
LT
W
Dimensions (mm)
g min.
e min.
1.5 +0,-0.3
GA355D
5.7
±0.4
3.0
0.3
5.0
±0.4
2.0 +0,-0.3
2.5 +0,-0.3
2.9 +0,-0.4
GA355X
GA355Q
GA355E
L
W
e
e
g
s Standard Certification
Standard No.
Rated Voltage
Class
VDE
SEMKO
ESTI
IEC 60384-14
EN 60384-14
AC250V
(r.m.s.)
X2
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GA355QR7GB103KW01L
AC250 (r.m.s.)
X7R (EIA)
10000
±10%
5.7
5.0
1.5
3.0
0.3 min.
GA355QR7GB153KW01L
AC250 (r.m.s.)
X7R (EIA)
15000
±10%
5.7
5.0
1.5
3.0
0.3 min.
GA355DR7GB223KW01L
AC250 (r.m.s.)
X7R (EIA)
22000
±10%
5.7
5.0
2.0
3.0
0.3 min.
GA355ER7GB333KW01L
AC250 (r.m.s.)
X7R (EIA)
33000
±10%
5.7
5.0
2.5
3.0
0.3 min.
GA355ER7GB473KW01L
AC250 (r.m.s.)
X7R (EIA)
47000
±10%
5.7
5.0
2.5
3.0
0.3 min.
GA355XR7GB563KW06L
AC250 (r.m.s.)
X7R (EIA)
56000
±10%
5.7
5.0
2.9
3.0
0.3 min.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com