Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 200 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 200 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 197Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 198Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 199Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 200Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 201Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 202Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 203Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 204Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 221 page
background image
Safety Standard Certified Type GC/GD/GF/GB Specifications and Test Methods
Continued from the preceding page.
*1 "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
*2 "C" expresses nominal capacitance value (pF).
The capacitor under test should be held in the flame in the
position which best promotes burning. Each specimen should
be exposed to the flame only once. Time of exposure to flame:
30 sec.
Length of flame : 12
T1mm
Gas burner
: Length 35mm min.
Inside Dia.
0.5
T0.1mm
Outside Dia. 0.9mm max.
Gas
: Butane gas Purity 95% min.
21
Passive
Flammability
The burning time should not exceed 30 sec.
The tissue paper should not ignite.
The capacitor should be individually wrapped in at least one but
not more than two complete layers of cheesecloth. The
capacitor should be subjected to 20 discharges. The interval
between successive discharges should be 5 sec. The UAC
should be maintained for 2 min. after the last discharge.
C1,2
: 1
µFT10%
C3
: 0.033
µFT5% 10kV
L1 to 4 : 1.5mH
T20% 16A Rod core choke
Ct
: 3
µFT5% 10kV
R
: 100
ΩT2%
Cx
: Capacitor under test
UAC
: UR
T5%
F
: Fuse, Rated 16A
UR
: Rated Voltage
Ut
: Voltage applied to Ct
20
Active
Flammability
The cheesecloth should not be on fire.
Before this test, the test shown in the following is performed.
·Item 11 Adhesive Strength of Termination (apply force is 5N)
·Item 13 Deflection
Apply the rated voltage at 40
T2D and relative humidity of 90 to
95% for 500
W24
Y 0
hrs. Remove and let sit for 24
T2 hrs. at room
condition,*1 then measure.
#Pretreatment for X7R char.
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*1
19
Humidity
Loading
Appearance
No marking defects
Capacitance
Change
D.F.
Q
I.R.
More than 3,000M
Ω
Dielectric
Strength
In accordance with item No.4
No.
Test Method
Specifications
Item
Char.
Capacitance Change
Within
T15%
Within
T5.0% or T0.5pF
(Whichever is larger)
X7R
SL
Char.
Specification
D.F.
V0.05
Q
U275W5/2C*2 (CF30pF)
Q
U350
(C
U30pF)
X7R
SL
Type
Ui
2.5kV
5kV
GD, GB
GC, GF
Ut
Ct
Cx
C3
C2
L1
L3
L2
R
L4
C1
S2
Tr
S1
UAC
F
Oscilloscope
Ux
Ui
time
Test Specimen
Tissue
About 10mm Thick Board
45
°
GA3 Series Specifications and Test Methods
199
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com