Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 202 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 202 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 198Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 199Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 200Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 201Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 202Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 203Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 204Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 205Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 206Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 221 page
background image
GRM/GRJ/GR4/GR7/GA2/GA3 Series Reference Data (Typical Example)
201
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Impedance - Frequency Characteristics
GRM Series (X7R Char. 630V)
1k
100
10
1
100m
10m
1M
10M
100M
1G
Frequency (Hz)
1000pF
10000pF
100000pF
GRJ Series (X7R Char. 250V)
0.01
0.1
1
10
100
1M
10M
100M
1G
Frequency (Hz)
(1) GRJ21AR72E102KWJ1D
(2) GRJ21BR72E103KWJ3L
(3) GRJ31BR72E223KWJ1L
(4) GRJ31CR72E473KWJ3L
(5) GRJ31CR72E104KWJ3L
(6) GRJ55DR72E105KWJ1L
(3)
(4)
(5)
(6)
(2)
(1)
GRJ Series (X7R Char. 630V)
(1) GRJ31BR72J102KWJ1L
(2) GRJ31BR72J222KWJ1L
(3) GRJ31BR72J472KWJ1L
(4) GRJ31BR72J103KWJ1L
(5) GRJ32QR72J223KWJ1L
(6) GRJ32DR72J473KWJ1L
(7) GRJ43DR72J104KWJ1L
(8) GRJ55DR72J224KWJ1L
0.01
0.1
1
10
100
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
1M
10M
100M
1G
Frequency (Hz)
GR4 Series
1k
100
10
1
100m
10m
1M
10M
100M
1G
Frequency (Hz)
100pF
1000pF
4700pF
Continued on the following page.
GA2 Series
Frequency (Hz)
10m
10
1M
10M
100M
1G
1
100
1k
100m
10000pF
1000pF
100000pF
GA3 Series (Type GF)
1K
100
10
1
100m
10m
1M
10M
100M
1G
Frequency (Hz)
1000pF
2200pF
GA3 Series (Type GD)
1K
100
10
1
100m
10m
1M
10M
100M
1G
Frequency (Hz)
150pF
1000pF
2200pF
GA3 Series (Type GB)
0.01
0.1
1
10
100
1M
10M
100M
1G
Frequency (Hz)
33000pF
10000pF
56000pF
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com