Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 205 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 205 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 201Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 202Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 203Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 204Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 205Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 206Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 207Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 208Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 209Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 221 page
background image
(2) Dimensions of Tape
q Embossed Tape
w Paper Tape
(3) Dimensions of Reel
8mm width, 4mm pitch Tape
8mm width, 4mm pitch Tape
12mm width, 8mm/4mm pitch Tape
A*
Part Number
A*
Part Number
B*
GRJ21/GRM21/GR721
(T
U1.25mm)
1.45
2.25
GRJ31/GRM31/GR731
(T
U1.25mm)
2.0
3.6
GRJ32/GRM32
(T
U1.25mm)
2.9
3.6
B*
2.5
5.1
3.6
4.9
3.2
6.1
GRM42/GR442/GA242/GA342
GRJ43/GRM43/GR443/GA243/GA343
GA352
GRJ55/GRM55/GR455/GA255/GA355
5.4
*1 4.0
±0.1mm in case of GRM42/GR442/GA242/GA342
6.1
*Nominal Value
*Nominal Value
A*
Part Number
B*
GRJ21/GRM21/GR721
(T
=1.0mm)
1.45
2.25
GRM18
1.05
1.85
GRM31/GR731
(T
=1.0mm)
2.0
3.6
GRM32
(T
=1.0mm)
2.9
3.6
*Nominal Value
(in mm)
(in mm)
(in mm)
4.0
T0.1
4.0
T0.05
1.75
T0.1
Direction of Feed
A
2.0
T0.05
0.25
T0.1
2.5 max.
ø1.5
W0.1
Y0
8.0
T0.1*
1
4.0
T0.1
1.75
T0.1
Direction of Feed
2.0
T0.05
0.3
T0.1
3.7 max.
A
ø1.5
W0.1
Y0
4.0
T0.1
ø1.5W
0.1
Y0
4.0
T0.1
1.75
T0.1
1.1 max.
Direction of Feed
A
2.0
T0.05
2.0
T0.5
9.0
(Tape width 8mm)
13.0
(Tape width 12mm)
ø13
T0.2
ø21
T0.8
-0
+1.0
-0
+1.0
Continued from the preceding page.
Continued on the following page.
13.0
T1.0 (Tape width 8mm)
17.0
T1.0 (Tape width 12mm)
Package
204
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com