Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 209 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 209 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 205Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 206Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 207Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 208Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 209Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 210Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 211Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 212Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 213Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 221 page
background image
Due to the low self-heating characteristics of low-
dissipation capacitors, the allowable electric power of
these capacitors is generally much higher than that of
X7R characteristic capacitors.
When a high frequency voltage that causes 20
°C self-
heating to the capacitor is applied, it will exceed the
capacitor's allowable electric power.
The frequency of the applied sine wave voltage should be
less than 500kHz (less than 100kHz in the case of rated
voltage: DC3.15kV). The applied voltage should be less
than the value shown in figure below.
In the case of non-sine wave that includes a harmonic
frequency, please contact our sales representatives or
product engineers. Excessive heat may lead to
deterioration of the capacitor's characteristics and
reliability. (Never attempt to perform measurement with
the cooling fan running. Otherwise, accurate
measurement cannot be ensured.)
<C0G char., Rated Voltage: DC3.15kV>
The capacitors less than 22pF can be applied maximum
4.0kV peak to peak at 100kHz or less only for the ballast
or the resonance usage in the LCD backlight inverter
circuit.
<Capacitor Selection Tool>
We are also offering free software/the capacitor selection
tool: "Murata Medium Voltage Capacitors Selection Tool
by Voltage Form," which will assist you in selecting a
suitable capacitor.
The software can be downloaded from Murata's Website.
(http://www.murata.com/designlib/mmcsv/index.html).
By inputting capacitance values and the applied voltage
waveform of the specific capacitor series, this software
will calculate the capacitor's power consumption and list
suitable capacitors (non-sine wave is also available).
(2) In case of C0G, U2J char.
C0G char., Rated Voltage: DC1kV
Frequency [kHz]
1000
100
10
1
100
(1000)
10000
C0G char., Rated Voltage: DC3.15kV
Frequency [kHz]
1000
100
10
1
1000
(3150)
10000
27 to 47pF
to 22pF
Continued from the preceding page.
The sine-wave frequency VS allowable voltage
The temperature of the surface
of capacitor: 125˚C or less (including self-heating)
U2J char., Rated Voltage: DC3.15kV
Frequency [kHz]
1000
100
10
1
1000
(3150)
10000
U2J char., Rated Voltage: DC630V
Frequency [kHz]
1000
(500)
100
10
1
100
(630)
1000
to 680pF
1,000pF
to 33pF
47pF
100pF
100
1000
10000
to 470pF
U2J char., Rated Voltage: DC1kV
Frequency [kHz]
1000
(500)
100
10
1
100
1000
10000
U2J char., Rated Voltage: DC2kV
Frequency [kHz]
1000
(500)
100
10
1
to 100pF
150pF
220pF
2,200pF
U2J char., Rated Voltage: DC250V
Frequency [kHz]
1000
(500)
100
10
1
100
(250)
1000
to 4,700pF
10,000pF
Continued on the following page.
C0G char., Rated Voltage: DC250V
Frequency [kHz]
100
(250)
1000
C0G char., Rated Voltage: DC630V
Frequency [kHz]
1000
100
10
1
100
(630)
1000
1000
100
10
1
to 470pF
1000pF
680pF
560pF
820pF
to 100pF
to 100pF
!Caution
208
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com