Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 210 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 210 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 206Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 207Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 208Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 209Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 210Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 211Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 212Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 213Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 214Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 221 page
background image
Tests for AC withstanding voltage should be made with
equipment capable of creating a wave similar to a
50/60 Hz sine wave.
If the distorted sine wave or overload exceeding the
specified voltage value is applied, a defect may be
caused.
4. Test Condition for AC Withstanding Voltage
(1) Test Equipment
The capacitor's leads or terminals should be firmly
connected to the output of the withstanding voltage test
equipment, and then the voltage should be raised from
near zero to the test voltage. If the test voltage is applied
directly to the capacitor without raising it from near zero,
it should be applied with the zero cross.* At the end of the
test time, the test voltage should be reduced to near zero,
and then the capacitor's leads or terminals should be
taken off the output of the withstanding voltage test
equipment. If the test voltage is applied directly to the
capacitor without raising it from near zero, surge voltage
may occur and cause a defect.
*ZERO CROSS is the point where voltage sine wave
passes 0V.
- See the figure at right -
(2) Voltage Applied Method
0V
zero cross
Voltage sine wave
Continued from the preceding page.
Failure of a capacitor may result in a short circuit. Be sure
to provide an appropriate fail-safe function such as a fuse
on your product to help eliminate possible electric shock,
fire, or fumes.
Please consider using fuses on each AC line if the
capacitors are used between the AC input lines and earth
(line bypass capacitors), to prepare for the worst case,
such as a short circuit.
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY
RESULT, WORST CASE, IN A SHORT CIRCUIT AND
CAUSE FUMING OR PARTIAL DISPERSION WHEN THE
PRODUCT IS USED.
3. Fail-safe
AC IN
FUSE
!Caution
209
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com