Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 214 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 214 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 210Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 211Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 212Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 213Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 214Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 215Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 216Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 217Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 218Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 221 page
background image
Optimum Solder Amount when re-working Using a
Soldering Iron
Solder Amount
6. Correction with a Soldering Iron
When sudden heat is applied to the components by use
of a soldering iron, the mechanical strength of the
components will decrease because the extreme
temperature change causes deformations inside the
components.
In order to prevent mechanical damage to the
components, preheating is required for both the
components and the PCB board.
Preheating conditions, (The "Temperature of the
Soldering Iron Tip", "Preheating Temperature,"
"Temperature Differential" between iron tip and the
components and the PCB), should be within the
conditions of table 3.
It is required to keep the temperature differential between
the soldering Iron and the component's surface (
∆T) as
small as possible.
After soldering, do not allow the component/PCB to cool
down rapidly.
The operating time for the re-working should be as short
as possible. When re-working time is too long, it may
cause solder leaching, in turn causing a reduction of the
adhesive strength of the terminations.
G
--18/21/31
G
--32/42/43/
52/55
∆TV190D
∆TV130D
Part Number
Temperature
Differential
(
∆T)
Table 3
Continued from the preceding page.
7. Washing
Excessive output of ultrasonic oscillation during cleaning
causes PCBs to resonate, resulting in cracked chips or
broken solder. Take note not to vibrate PCBs.
FAILURE TO FOLLOW THE ABOVE CAUTIONS MAY
RESULT, WORST CASE, IN A SHORT CIRCUIT AND
FUMING WHEN THE PRODUCT IS USED.
air
air
Atmosphere
150
°C min.
150
°C min.
Preheating
Temperature
350
°C max.
280
°C max.
Temperature
of Soldering
Iron tip
*Applicable for both Pb-Sn and Lead Free Solder.
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
For sizes smaller than Gpp18, the top of the solder fillet
should be lower than 2/3 of the thickness of the
component or 0.5mm whichever is smaller.
For sizes larger than Gpp21, the top of the solder fillet
should be lower than 2/3 of the thickness of the
component.
If the solder amount is excessive, the risk of cracking is
higher during board bending or under any other stressful
conditions.
A Soldering iron ø3mm or smaller should be used.
It is also necessary to keep the soldering iron from
touching the components during the re-work.
Solder wire with ø0.5mm or smaller is required for
soldering.
in section
!Caution
213
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com