Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRM552B11H102KA01D Datasheet(PDF) 208 Page - Murata Manufacturing Co., Ltd.

Part # GRM552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM552B11H102KA01D Datasheet(HTML) 208 Page - Murata Manufacturing Co., Ltd.

Back Button GRM552B11H102KA01D Datasheet HTML 204Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 205Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 206Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 207Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 208Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 209Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 210Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 211Page - Murata Manufacturing Co., Ltd. GRM552B11H102KA01D Datasheet HTML 212Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 221 page
background image
When DC-rated capacitors are to be used in AC or ripple
current circuits, be sure to maintain the Vp-p value of the
applied voltage or the Vo-p which contains DC bias within
the rated voltage range.
When the voltage is applied to the circuit, starting or
stopping may generate irregular voltage for a transit
period because of resonance or switching. Be sure to use
a capacitor with a rated voltage range that includes these
irregular voltages.
When DC-rated capacitors are to be used in input circuits
from a commercial power source (AC filter), be sure to
use Safety Certified Capacitors because various
regulations for withstanding voltage or impulses,
established for all equipment, should be taken into
consideration.
Voltage
Positional
Measurement
DC Voltage
DC+AC Voltage
AC Voltage
Pulse Voltage (1)
Pulse Voltage (2)
V0-p
V0-p
Vp-p
Vp-p
Vp-p
1. Operating Voltage
2. Operating Temperature, Self-generated Heat, and
Load Reduction at High-frequency Voltage Condition
Continued on the following page.
Keep the surface temperature of a capacitor below the
upper limit of its rated operating temperature range.
Be sure to take into account the heat generated by the
capacitor itself. When the capacitor is used in a high-
frequency voltage, pulse voltage, it may self-generate
heat due to dielectric loss.
Applied voltage should be the load such as self-
generated heat is within 20
°C on the condition of
atmosphere temperature 25
°C. When measuring, use a
thermocouple of small thermal capacity -K of ø0.1mm
in conditions where the capacitor is not affected by
radiant heat from other components or surrounding
ambient fluctuations. Excessive heat may lead to
deterioration of the capacitor's characteristics and
reliability. (Never attempt to perform measurement
with the cooling fan running. Otherwise, accurate
measurement cannot be ensured.)
(1) In the case of X7R char.
s Caution (Rating)
!Caution
207
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com