Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 101 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 97Page - Analog Devices ADE7933 Datasheet HTML 98Page - Analog Devices ADE7933 Datasheet HTML 99Page - Analog Devices ADE7933 Datasheet HTML 100Page - Analog Devices ADE7933 Datasheet HTML 101Page - Analog Devices ADE7933 Datasheet HTML 102Page - Analog Devices ADE7933 Datasheet HTML 103Page - Analog Devices ADE7933 Datasheet HTML 104Page - Analog Devices ADE7933 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 101 of 120
Table 38. Internal DSP Memory RAM Registers
Address
Register Name
R/W1
Bit Length
Type2
Default Value
Description
0xE203
Reserved
R/W
16
U
0x0000
This address should not be written for proper
operation.
0xE228
Run
R/W
16
U
0x0000
The run register starts and stops the DSP (see the
Digital Signal Processor section).
1
R/W = read and write.
2
U = unsigned register.
Table 39. Billable Registers
Address
Register Name
R/W1
Bit Length
Type2
Default Value
Description
0xE400
AWATTHR
R
32
S
0x00000000
Phase A total active energy accumulation.
0xE401
BWATTHR
R
32
S
0x00000000
Phase B total active energy accumulation.
0xE402
CWATTHR
R
32
S
0x00000000
Phase C total active energy accumulation.
0xE403
AFWATTHR
R
32
S
0x00000000
Phase A fundamental active energy accumulation.
0xE404
BFWATTHR
R
32
S
0x00000000
Phase B fundamental active energy accumulation.
0xE405
CFWATTHR
R
32
S
0x00000000
Phase C fundamental active energy accumulation.
0xE406
AVARHR
R
32
S
0x00000000
Phase A total reactive energy accumulation.
0xE407
BVARHR
R
32
S
0x00000000
Phase B total reactive energy accumulation.
0xE408
CVARHR
R
32
S
0x00000000
Phase C total reactive energy accumulation.
0xE409
AFVARHR
R
32
S
0x00000000
Phase A fundamental reactive energy accumulation.
0xE40A
BFVARHR
R
32
S
0x00000000
Phase B fundamental reactive energy accumulation.
0xE40B
CFVARHR
R
32
S
0x00000000
Phase C fundamental reactive energy accumulation.
0xE40C
AVAHR
R
32
S
0x00000000
Phase A apparent energy accumulation.
0xE40D
BVAHR
R
32
S
0x00000000
Phase B apparent energy accumulation.
0xE40E
CVAHR
R
32
S
0x00000000
Phase C apparent energy accumulation.
1
R = read only.
2
S = signed register in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com