Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 104 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 100Page - Analog Devices ADE7933 Datasheet HTML 101Page - Analog Devices ADE7933 Datasheet HTML 102Page - Analog Devices ADE7933 Datasheet HTML 103Page - Analog Devices ADE7933 Datasheet HTML 104Page - Analog Devices ADE7933 Datasheet HTML 105Page - Analog Devices ADE7933 Datasheet HTML 106Page - Analog Devices ADE7933 Datasheet HTML 107Page - Analog Devices ADE7933 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 104 of 120
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value4
Description
0xE700
MMODE
R/W
8
8
U
0x1C
Measurement mode register (see Table 54).
0xE701
ACCMODE
R/W
8
8
U
0x00
Accumulation mode register (see Table 55).
0xE702
LCYCMODE
R/W
8
8
U
0x78
Line accumulation mode behavior (see
Table 57).
0xE703
PEAKCYC
R/W
8
8
U
0x00
Peak detection half line cycles.
0xE704
SAGCYC
R/W
8
8
U
0x00
Sag detection half line cycles.
0xE705
CFCYC
R/W
8
8
U
0x01
Number of CF pulses between two
consecutive energy latches (see the
Synchronizing Energy Registers with the
CFx Outputs section).
0xE706
HSDC_CFG
R/W
8
8
U
0x00
HSDC configuration register (see Table 58).
0xE707
Version
R
8
8
U
Version of die.
0xE708
CONFIG3
R/W
8
8
U
0x0F
ADE7933/ADE7932 configuration register
(see Table 59).
0xE709
ATEMPOS
R
8
8
S
0x00
Phase A ADE7933/ADE7932 temperature
sensor offset.
0xE70A
BTEMPOS
R
8
8
S
0x00
Phase B ADE7933/ADE7932 temperature
sensor offset.
0xE70B
CTEMPOS
R
8
8
S
0x00
Phase C ADE7933/ADE7932 temperature
sensor offset.
0xE70C
NTEMPOS
R
8
8
S
0x00
Neutral line ADE7933/ADE7932 temperature
sensor offset.
0xE70D
to
0xE7E2
Reserved
These addresses should not be written for
proper operation.
0xE7E3
Reserved
R/W
8
8
U
N/A
Internal register used in conjunction with
the internal register at Address 0xE7FE to
enable/disable the protection of the DSP
RAM-based registers (see the Digital Signal
Processor section for more information).
0xE7E4
to
0xE7FC
Reserved
These addresses should not be written for
proper operation.
0xE7FD
LAST_
RWDATA8
R
8
8
U
N/A
Contains the data from the last successful
8-bit register communication.
0xE7FE
Reserved
R/W
8
8
U
N/A
Internal register used in conjunction with
the internal register at Address 0xE7E3 to
enable/disable the protection of the DSP
RAM-based registers (see the Digital Signal
Processor section for more information).
0xE7FF
to
0xE901
Reserved
These addresses should not be written for
proper operation.
0xE902
APF
R
16
16
U
N/A
Phase A power factor.
0xE903
BPF
R
16
16
U
N/A
Phase B power factor.
0xE904
CPF
R
16
16
U
N/A
Phase C power factor.
0xE905
APERIOD
R
16
16
U
N/A
Line period on Phase A voltage.
0xE906
BPERIOD
R
16
16
U
N/A
Line period on Phase B voltage.
0xE907
CPERIOD
R
16
16
U
N/A
Line period on Phase C voltage.
0xE908
APNOLOAD
R/W
16
16
U
0x0000
No load threshold in the total/fundamental
active power datapath.
0xE909
VARNOLOAD
R/W
16
16
U
0x0000
No load threshold in the total/fundamental
reactive power datapath.
0xE90A
VANOLOAD
R/W
16
16
U
0x0000
No load threshold in the apparent power
datapath.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com