Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7933 Datasheet(PDF) 105 Page - Analog Devices

Part # ADE7933
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7933 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADE7933 Datasheet HTML 101Page - Analog Devices ADE7933 Datasheet HTML 102Page - Analog Devices ADE7933 Datasheet HTML 103Page - Analog Devices ADE7933 Datasheet HTML 104Page - Analog Devices ADE7933 Datasheet HTML 105Page - Analog Devices ADE7933 Datasheet HTML 106Page - Analog Devices ADE7933 Datasheet HTML 107Page - Analog Devices ADE7933 Datasheet HTML 108Page - Analog Devices ADE7933 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 105 of 120
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value4
Description
0xE90B
to
0xE9FD
Reserved
These addresses should not be written for
proper operation.
0xE9FE
LAST_ADD
R
16
16
U
N/A
Contains the address of the register accessed
during the last successful read or write
operation.
0xE9FF
LAST_
RWDATA16
R
16
16
U
N/A
Contains the data from the last successful
16-bit register communication.
0xEA00
CONFIG2
R/W
8
8
U
0x00
Configuration register (see Table 60).
0xEA01
LAST_OP
R
8
8
U
N/A
Indicates the type (read or write) of the last
successful read or write operation.
0xEA02
WTHR
R/W
8
8
U
0x03
Threshold used in phase total/fundamental
active energy datapath.
0xEA03
VARTHR
R/W
8
8
U
0x03
Threshold used in phase total/fundamental
reactive energy datapath.
0xEA04
VATHR
R/W
8
8
U
0x03
Threshold used in phase apparent energy
datapath.
0xEA05
to
0xEBFE
Reserved
8
8
These addresses should not be written for
proper operation.
0xEBFF
Reserved
8
8
This address can be used to manipulate the
SS/HSA pin when SPI is chosen as the active
port. See the Serial Interfaces section for
more information.
1
R = read only; R/W = read and write.
2
32 ZP = 24-bit signed or unsigned register that is transmitted as a 32-bit word with eight MSBs padded with 0s. 32 SE = 24-bit signed register that is transmitted as a
32-bit word sign extended to 32 bits. 16 ZP = 10-bit unsigned register that is transmitted as a 16-bit word with six MSBs padded with 0s.
3
U = unsigned register; S = signed register in twos complement format.
4
N/A = not applicable.
Table 41. IPEAK Register (Address 0xE500)
Bits
Bit Name
Default Value
Description
[23:0]
IPEAKVAL[23:0]
0
These bits contain the peak value determined in the current channel.
24
IPPHASE[0]
0
When this bit is set to 1, the Phase A current generated the IPEAKVAL[23:0] value.
25
IPPHASE[1]
0
When this bit is set to 1, the Phase B current generated the IPEAKVAL[23:0] value.
26
IPPHASE[2]
0
When this bit is set to 1, the Phase C current generated the IPEAKVAL[23:0] value.
[31:27]
00000
These bits are always set to 0.
Table 42. VPEAK Register (Address 0xE501)
Bits
Bit Name
Default Value
Description
[23:0]
VPEAKVAL[23:0]
0
These bits contain the peak value determined in the voltage channel.
24
VPPHASE[0]
0
When this bit is set to 1, the Phase A voltage generated the VPEAKVAL[23:0] value.
25
VPPHASE[1]
0
When this bit is set to 1, the Phase B voltage generated the VPEAKVAL[23:0] value.
26
VPPHASE[2]
0
When this bit is set to 1, the Phase C voltage generated the VPEAKVAL[23:0] value.
[31:27]
00000
These bits are always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com