Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C32AVC Datasheet HTML 1Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 2Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 3Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 4Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 5Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 6Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 7Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 8Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
2
Am79C30A/32A Data Sheet
DISTINCTIVE CHARACTERISTICS (continued)
s Audio processing capability (DSC circuit only)
— Registers for implementation of software-based
speaker phone algorithms
— Dual audio inputs
— Earpiece and loudspeaker drivers
— Codec/filter with A/
µ selection
— Programmable gain and equalization filters
— Programmable sidetone level
— Programmable DTMF, single tone, progress
tone, and ringer tone generation
— Programmable on-chip microphone amplifier
s Pin and software compatible with the
Am79C32A ISDN Data Controller (IDC™) Circuit.
The Am79C32A is used in data-only
applications.
GENERAL DESCRIPTION
The Am79C30A Digital Subscriber Controller (DSC)
Circuit and Am79C32A ISDN Data Controller (IDC) Cir-
cuit, shown in the Block Diagram, allow the realization
of highly-integrated Terminal Equipment for the ISDN.
The Am79C30A/32A is fully compatible with the
CCITT-I-series recommendations for the S and T refer-
ence points, ensuring that the user of the device may
design TEs which conform to the international stan-
dards.
The Am79C30A/32A provides a 192-Kbit/s full duplex
digital path over four wires between the TE located on
the subscriber's premises and the NT or PABX line-
card. All physical layer functions and procedures are
implemented in accordance with CCITT Recommen-
dation I.430, including framing, synchronization, main-
tenance, and multiple ter minal contention. Both
point-to-point and point-to-multipoint configurations are
supported.
The Am79C30A/32A processes the ISDN basic rate bit
stream, which consists of B1 (64 Kbit/s), B2 (64 Kbit/s),
and D (16 Kbit/s) channels. The B channels are routed
to and from different sections of the Am79C30A/32A
under software control. The D channel is partially pro-
cessed by the DSC/IDC circuit and is passed to the mi-
croprocessor for further processing.
The Main Audio Processor (MAP) uses Digital Signal
Processing (DSP) to implement a high performance
codec/filter function. The MAP interface supports a
loudspeaker, an earpiece, and two separate audio in-
puts. Programmable on-chip gain is provided to sim-
plify use of low output level microphones. The user may
alter frequency response and gain of the MAP receive
and transmit paths. Tone generators are included to im-
plement ringing, call progress, and DTMF signals.
A Peripheral Port (PP) is provided to allow the B chan-
nels to be routed off-chip for processing by other pe-
ripherals. This por t is configurable as either an
industry-standard IOM-2 port, or as a serial bus port
(SBP).
The TE design process is simplified by the availability
of certified protocol software packages, which provide
complete system solutions through OSI Layer 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com