Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 14Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 15Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 16Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 17Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 18Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 19Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 20Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 21Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
18
Am79C30A/32A Data Sheet
LIU Registers
The LIU contains the registers shown in Table 9.
LIU Status Register (LSR), Read Only
Address = Indirect A1H
The LSR format is shown in Table 10.
When the microprocessor reads the LSR, bits 3, 4, 5,
and 7 are cleared. The other bits retain the current sta-
tus of the LIU. bits 0 to 2 are defined such that state F2
(see CCITT I.430 state matrix tables) is coded as 0, F3
as 1, F4 as 2, and so on, where bit 0 is the LSB. The
LIU interrupts the microprocessor via bit 4 of the LSR
when activation has been achieved (that is, when the
LIU moves to state F7 upon receipt of INFO 4). During
reset the LSR is 0.
Even thou gh th e L IU Status R eg iste r ( LSR ) i s
read-only, no default value upon power-up is given due
to the uncertain state of bit 6 (Hookswitch State). Fol-
lowing RESET, the LIU State is F2 and the HSW bit re-
flects the HSW pin, producing a power-up value of
either 00H or 40H.
LIU D-Channel Priority Register (LPR), Read/Write
The LPR contains the priority level for D-channel ac-
cess. Its default value after reset is 0.
The D-channel access procedure of the Am79C30A/
32A uses the priority level programmed in the LPR. The
priority mechanism defined by the CCITT I-series rec-
ommendations is fully implemented if the LPR is pro-
grammed via the microprocessor to conform to the
priority class of the Layer-2 frame to be transmitted.The
LPR has 16 possible programmable priority levels. The
priority levels are numbered 0–15. Priority Level 0 cor-
responds to counting eight 1s in the echo channel, pri-
ority Level 1 corresponds to counting ten 1s in the echo
channel, priority Level 2 corresponds to counting
twelve 1s, etc. The DSC circuit automatically handles
transitions between the programmed priority level n
and the associated odd value n + 1. The priority is
incremented following a successfully transmitted
packet, and decremented when the higher count has
been satisfied.
The LPR format is shown in Table 11.
Table 9.
LIU Registers
Registers
No./Registers Mnemonic
LIU Status Register
1
LSR
LIU Priority Register
1
LPR
LIU Mode Registers
2
LMR1, LMR2
Multiframe Register
1
MF
Multiframe S-bit/Status
Register
1
MFSB
Multiframe Q-bit buffer
1
MFQB
Table 10.
LIU Status Register
Bit
Logical 1
Generates
Interrupt
0-2
Binary values 000 through 110
represent the LIU activation
circuitry’s current state (F2
through F8, respectively) bit 2 is
MSB
No
3
Change of state to F3
If LMR2 bit 3 = 1
4
Change of state from/to F7
If LMR2 bit 6 = 1
5
Change of state from/to F8
If LMR2 bit 4 = 1
6
HSW state
No
7
HSW change of state
If LMR2 bit 5 = 1
Table 11.
LIU Priority Register
Bits
Description
3, 2, 1, 0
D-channel access priority level bit 0 is LSB
7, 6, 5, 4
Reserved, reads logical 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com