Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 25Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 26Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 27Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 28Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 29Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 30Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 31Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 32Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 101 page
background image
Am79C30A/32A Data Sheet
29
Example coefficients for the GR, GX, and STG filters
are listed in Tables 25, 26, and 27. The gain values are
rounded off to the nearest 0.1 dB.
Table 25.
GX Gain Coefficients
Gain (dB)
Hex Code
MSB
LSB
0.0
08
08
0.5
4C
B2
1.0
3D
AC
1.5
2A
E5
2.0
25
33
2.5
22
22
3.0
21
22
3.5
1F
D3
4.0
12
A2
4.5
12
1B
5.0
11
3B
5.5
0B
C3
6.0
10
F2
6.5
03
BA
7.0
02
CA
7.5
02
1D
8.0
01
5A
8.5
01
22
9.0
01
12
9.5
00
EC
10.0
00
32
10.5
00
21
11.0
00
13
11.5
00
11
12.0
00
0E
Table 26.
GR Gain Coefficients
Gain (dB)
Hex Code
MSB
LSB
–11.5
91
C5
–11.0
91
B6
–10.5
92
12
–10.0
91
A4
–9.5
92
22
–9.0
92
32
–8.5
92
FB
–8.0
92
AA
–7.5
93
27
–7.0
93
B3
–6.5
94
B3
–6.0
9F
91
–5.5
9C
EA
–5.0
9B
F9
–4.5
9A
AC
–4.0
9A
4A
–3.5
A2
22
–3.0
A2
A2
–2.5
A6
8D
–2.0
AA
A3
–1.5
B2
42
–1.0
BB
52
–0.5
CB
B2
0.0
08
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com