Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 29Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 30Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 31Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 32Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 33Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 34Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 35Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 36Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
Am79C30A/32A Data Sheet
33
MAP Mode Register 1 — (MMR1) — Read/Write
Address = Indirect 69H
Note:
*To remove the sidetone path completely, it is necessary to enable the STG function by setting MMR1 bit 6 to 1, and program the
STGR coefficient to 9008 (hex).34
MAP Mode Register 2 — (MMR2) — Read/Write
Address = Indirect 6AH
Note:
For most applications, MMR2 bits 5 and 6 should always be written to logical 0. This enables the 50–60 Hz rejection filter and the
internal offset cancellation circuits to operate normally. They can both be disabled when system or test conditions require the
transmission of DC or low frequency signals.
Table 33.
Map Mode Register 1
Bit
Logical 1
Logical 0 (Default Value)
0
A-Law
µ-Law
1
GX coefficient loaded from register
GX bypassed; gain = 0 dB
2
GR coefficient loaded from register
GR bypassed; gain = 0 dB
3
GER coefficient loaded from register
GER bypassed; gain = 0 dB
4
X coefficient loaded from register
X bypassed; response = flat
5
R coefficient loaded from register
R bypassed; response = flat
6
Sidetone gain coefficient loaded from register
STG gain = –18 dB*
7
Digital loopback #1 at MAP enabled
Digital loopback #1 at MAP disabled
Table 34.
Map Mode Register 2
Bit
Logical 1
Logical 0 (Default Mode)
0
AINB selected
AINA selected
1
LS1/LS2 selected
EAR1/EAR2 selected
2
DTMF enabled
DTMF disabled
3
Tone generator enabled
Tone generator disabled
4
Tone ringer enabled
Tone ringer disabled
5
High pass filter disabled
High pass filter enabled
6
ADC auto-zero function disabled
ADC auto-zero function enabled
7
Reserved, must be Logical 0
Reserved, must be Logical 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com