Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 10Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 11Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 12Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 13Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 14Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 15Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 16Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 17Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
14
Am79C30A/32A Data Sheet
Table 7.
Indirect Register Access Guide
Operation
Block
Register
Register
Number
Indirect Name
Mode
Address
Byte Sequence
INIT
Initialization Register
1
INIT
R/W
21H
One byte transferred
INIT
Initialization Register 2
2
INIT2
R/W
20H
One byte transferred
LIU
LIU Status Register
1
LSR
R
A1H
One byte transferred
LIU
LIU Priority Register
2
LPR
R/W
A2H
One byte transferred
LIU
LIU Mode Register 1
3
LMR1
R/W
A3H
One byte transferred
One byte transferred
LIU
LIU Mode Register 2
4
LMR2
R/W
A4H
One byte transferred
LIU
—
5
Perform 2–4
–
A5H
LIU
Multiframe Register
6
MF
R/W
A6H
One byte transferred
LIU
Multiframe S-bit/Status Register
7
MFSB
R
A7H
One byte transferred
LIU
Multiframe Q-bit buffer
8
MFQB
W
A8H
One byte transferred
MUX
MUX Control Register 1
1
MCR1
R/W
41H
One byte transferred
MUX
MUX Control Register 2
2
MCR2
R/W
42H
One byte transferred
MUX
MUX Control Register 3
3
MCR3
R/W
43H
One byte transferred
MUX
MUX Control Register 4
4
MCR4
R/W
44H
One byte transferred
MUX
—
5
Perform 1–4
—
45H
MCR1, 2, 3, 4
MAP
X filter Coefficient Register
1
X Coeff.
R/W
61H
h0 LSB, h0 MSB...h7 MSB
MAP
R filter Coefficient Register
2
R Coeff.
R/W
62H
h0 LSB, h0 MSB...h7 MSB
MAP
GX Gain Coefficient Register
3
GX Coeff.
R/W
63H
LSB, MSB
MAP
GR Gain Coefficient Register
4
GR Coeff.
R/W
64H
LSB, MSB
MAP
GER Gain Coefficient Register
5
GER Coeff.
R/W
65H
LSB, MSB
MAP
Sidetone Gain Coefficient Register
6
STG Coeff.
R/W
66H
LSB, MSB
MAP
Frequency Tone Generator Register
1, 2
7
FTGR1, FTGR2
R/W
67H
FTGR1, 2
MAP
Amplitude Tone Generator Register
1, 2
8
ATGR1,ATGR2
R/W
68H
ATGR1, 2
MAP
MAP Mode Register 1
9
MMR1
R/W
69H
One byte transferred
MAP
MAP Mode Register 2
10
MMR2
R/W
6AH
One byte transferred
MAP
—
11
Perform 1–10
—
6BH
46 bytes loaded 1–10
MAP
MAP Mode Register 3
12
MMR3
R/W
6CH
One byte transferred
MAP
Secondary Tone Ringer Amplitude
13
STRA
R/W
6DH
One byte transferred
MAP
Secondary Tone Ringer Frequency
14
STRF
R/W
6EH
One byte transferred
MAP
Transmit Peak Register
15
PEAKX
R
70H
One byte transferred
MAP
Receive Peak Register
16
PEAKR
R
71H
One byte transferred
MAP
—
17
Perform 15–16
R
72H
One byte transferred
DLC
First Received Byte Address
Registers 1, 2, 3
1
FRAR 1, 2, 3
R/W
81H
FRAR1, 2
DLC
Second Received Byte Address
Registers 1, 2, 3
2
SRAR1, 2, 3
R/W
82H
SRAR1, 2
DLC
Transmit Address Register
3
TAR
R/W
83H
LSB, MSB
DLC
D-channel Receive Byte Limit
Register
4
DRLR
R/W
84H
LSB, MSB
DLC
D-channel Transmit Byte Count
Register
5
DTCR
R/W
85H
LSB, MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com