Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 2Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 3Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 4Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 5Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 6Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 7Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 8Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 9Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
6
Am79C30A/32A Data Sheet
PIN DESCRIPTION*
Line Interface Unit (LIU)
HSW
Hook-Switch (Input)
The HSW signal indicates if the hook-switch is on or off
hook. This signal may be generated with a mechanical
switch wired to ground with a pull-up resistor to VCC.
Any change in the HSW state causes an interrupt.
LIN1, LIN2
Subscriber Line Input (Differential Inputs)
The LIN1 and LIN2 inputs interface to the subscriber (S
reference point) via an isolation transformer. LIN2 is the
positive input; LIN1 is the negative input. These pins
are not TTL compatible.
LOUT1, LOUT2
Subscriber Line Output (Differential Outputs)
The LOUT1 and LOUT2 line driver output signals inter-
face to the subscriber line at the S reference point via
an isolation transformer and resistors. LOUT2 is the
positive S-interface driver (sources current during a
High mark), and LOUT1 is the negative S-interface
dr i ver ( sou rce s cur ren t d ur i ng Low m a r k). Fo r
multi-point applications, all TEs must maintain the
same polarity on the S Interface. These pins are not
TTL compatible.
Main Audio Processor (MAP)
All MAP pins are analog, and therefore are not TTL
compatible.
AINA, AINB
Analog (Inputs)
These analog inputs allow for two separate analog (au-
dio) inputs to the transmit path of the codec/filter.Input
signals on either of these pins must be referenced to
AREF.
AREF
Analog Reference (Output)
This is a nominal 2.25-V reference voltage output for bi-
asing the analog inputs. When the MAP is disabled,
this pin is high impedance.
CAP1, CAP2
Capacitor/Resistor (CAP1, Input; CAP2, Output)
An external resistor and capacitor are connected in se-
ries between these pins. These components are
needed for the integrator in the Analog-to-Digital Con-
verter (ADC).
EAR1, EAR2
Earpiece Interface (Differential Outputs)
EAR1 and EAR2 are the outputs from the receive path
of the codec/filter. These differential outputs can di-
rectly drive a minimum load of 130 ohms.
LS1, LS2
Loudspeaker Interface (Differential Outputs)
LS1 and LS2 are push-pull outputs which can directly
drive a minimum load of 40 ohms.
Microprocessor Interface (MPI)
A2–A0
Address Line (Inputs)
A2, A1, and A0 signals select source and destination
registers for read and write operations on the data bus.
CS
Chip Select (Input)
CS must be Low to read or write to the Am79C30A/
32A. Data transfer occurs over the bidirectional data
lines (D7–D0).
D7–D0
Data Bus (Bidirectional with High-Impedance State)
The eight bidirectional data bus lines are used to ex-
change information with the microprocessor. D0 is the
least significant bit (LSB) and D7 is the most significant
bit (MSB). A High on the data bus line corresponds to
a logic 1, and Low corresponds to a logic 0. These lines
act as inputs when both WR and CS are active and as
outputs when both RD and CS are active. When CS is
inactive or both RD and WR are inactive, the D7–D0
pins are in a high-impedance state.
INT
Interrupt (Output)
An active Low output on the INT pin informs the exter-
nal microprocessor that the Am79C30A/32A needs in-
terrupt service. INT is updated once every 125 µs. The
INT pin remains active until the Interrupt Register (IR)
is read or the Am79C30A/32A is reset.
RESET
Reset (Input)
Reset is an active High signal which causes the
Am79C30A/32A to immediately terminate its present
activity and initialize to the reset condition. When reset
returns Low, the Am79C30A/32A enters the Idle mode.
The MCLK output remains active while RESET is held
High.
Note:
* All signal levels are TTL compatible unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com