Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 13Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 14Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 15Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 16Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 17Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 18Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 19Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 20Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
Am79C30A/32A Data Sheet
17
Transmission of Q bits
The microprocessor can load the Multiframe Q-bit
buffer (MFQB) once the Q-bit buffer empty bit (bit 6 of
the Multiframe S bit/Status buffer) is set. The Q-bit
buffer empty bit is set to a logical 1 at reset or when
data that has been written to the Multiframe Q-bit buffer
is transferred to the LIU. The Q-bit buffer empty bit is
cleared to a logical 0 when the Multiframe S-bit/Status
buffer is read. After multiframing has been requested
and established, the Am79C30A/32A transfers the data
written into the Q-bit Register to the LIU, synchronized
to the multiframe, irrespective of the receipt of valid
Q-control bits. If the microprocessor does not reload
the Q-bit Register for retransmissions, the Q-bit pattern
is repeated in the next multiframe.
If multiframing is enabled but multiframe synchroniza-
tion is not established, the LIU transmits the value
loaded in MFQB bit 4 in all Q bits. The default value of
MFQB bit 4 is a logical 0 which satisfies the CCITT rec-
ommendations. When synchronization is achieved, the
contents of MFQB bits 3 to 0 are transmitted according
to Table 8.
Loss of Multiframe Synchronization
The Am79C30A/32A continuously monitors the FA
(Q-bit control) and the M bits to ensure multiframe syn-
chronization. Once multiframe synchronization is es-
tablished, multiframe synchronization is lost if three
consecutive invalid multiframes are received, or the LIU
is no longer in state F6 or F7, or multiframing is dis-
abled. When loss of multiframe synchronization occurs,
bit 7 of the Multiframe Register is set to a logical 0, and
bit 7 of the Multiframe S bit/Status buffer is set to a
logical 1. The Am79C30A/32A also terminates the re-
ception of S bits and transmission of Q bits until multi-
framing synchronization is re-established.
HSW
The hookswitch circuitry on the DSC circuit provides the
attached microprocessor with a way of converting an
external mechanical hookswitch into a software status
condition capable of generating an interrupt. Debounce
and glitch rejection are provided internal to the DSC cir-
cuit. The logic rejects glitches less than 162 ns and pro-
vides debounce of 16 ms. HSW status reporting is
disabled after RESET. It is enabled by any of the follow-
ing: taking the device out of Idle mode, a write to a MUX
Control Register (MCR3–MCR1), or unmasking the
HSW interrupt.
Table 8.
Multiframing Structures
Frame Number
NT-to-TE Q Control Bit FA
NT-to-TE M Bit (M)
NT-to-TE S Bit (S)
TE-to-NT FA Bit (Q Bit)
1
1
1
SC11
Q1
2
0
0
SC21
0
3
0
0
SC31
0
4
0
0
SC41
0
5
0
0
SC51
0
6
1
0
SC12
Q2
7
0
0
SC22
0
8
0
0
SC32
0
9
0
0
SC42
0
10
0
0
SC52
0
11
1
0
SC13
Q3
12
0
0
SC23
0
13
0
0
SC33
0
14
0
0
SC43
0
15
0
0
SC53
0
16
1
0
SC14
Q4
17
0
0
SC24
0
18
0
0
SC34
0
19
0
0
SC44
0
20
0
0
SC54
0
1
1
1
SC11
Q1
2
0
0
SC21
0
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com