Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 65Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 66Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 67Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 68Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 69Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 70Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 71Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 72Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
Am79C30A/32A Data Sheet
69
Table 51.
Revision E Power Specifications for CCITT-Restricted Mode Phone Operation
Note:
All power measurements assume PP disabled or in IOM-2 Deactivated mode.
*Power consumption with the output loaded will be
AC CHARACTERISTICS
VCC = 5 V ± 5%; VSS = 0 V; TA = 0°C to 70°C; MCLK = 3.072 MHz
Table 52.
MAP Analog Characteristics (Am79C30A only)
Parameter
Symbol
Parameter
Descriptions
Test Conditions
Preliminary
Unit
Typ
Max
ICC0
VCC Supply Current
(Power-Down mode)
VCC = 5.25 V; VIH = VCC; VIL = VSS; mode = Power-Down;
Clocks & Oscillator Stopped; LIU Receiver Enabled; S Interface
Silent (INFO 0)
45
mW
ICC1
VCC Supply Current
(Idle mode)
VCC = 5.25 V; VIH = VCC; VIL = VSS; mode = Idle, Data Only;
fMCLK = 3.84 kHz; LIU Receiver Enabled; S Interface Silent
(INFO 0)
20
25
mW
ICC2
VCC Supply Current
(Active; Call Set-Up)
VCC = 5.25 V; VIH = VCC; VIL = VSS; mode = Active, Data Only;
fMCLK = 3.072 MHz; LIU Receiver and Transmitter Enabled; S
Interface Activated with Data on D-Channel Only; S-interface
Load = 50 ohms
80
105
mW
ICC3
VCC Supply Current
(Active; Voice mode)
VCC = 5.25 V; VIH = VCC; VIL = VSS; mode = Active Voice &
Data; fMCLK = 384 MHz; LIU Receiver and Transmitter Enabled;
S Interface Activated with Data on D-channel and one
B-channel; S-interface Load = 50 ohms, AINA = –15 dBm0,
1-kHz Sine Wave; EAR1/EAR2 = –15 dBm0, 1-kHz Tone
Driving 600 ohms
155
190
mW
ICC4
VCC Supply Current
(Active; Ringing, No
Load*)
VCC = 5.25 V; VIH =VCC; VIL = VSS; mode = Active, Data Only;
fMCLK = 384 kHz; LIU Receiver and Transmitter Enabled, S
Interface Activated with Data on D-channel Only; S-Interface
Load = 50 ohms; Secondary Tone Ringer Enabled at 0 dB, 400
Hz, No Load
125
150
mW
Parameter
Symbol
Parameter Descriptions
Test Conditions
Preliminary
Unit
Min
Typ
Max
ZIN
Analog Input Impedence
AINA or AINB to AREF
–1.25 V < VIN < +1.25 V
fIN < 4 kHz
200
Kohm
VIOS
Allowable Offset Voltage at
AINA or AINB
with respect to AREF pin
–5
+5
mV
LLS
Allowable Load LS1 to LS2
RLOAD > 40 ohms and
CLOAD < 100 pF
LEAR
Allowable Load EAR1 to
EAR2
RLOAD > 130 ohms
and
CLOAD < 100 pF
LAREF
Allowable Load AREF to VSS
or VCC
RLOAD > 1 Kohm
and
CLOAD < 100 pF
VAREF
Analog Reference Voltage
2.1
2.25
2.4
V
I
CC4
V
OUT peak
,
()
R
LOAD
---------------------------------- V
CC
()
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com