Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM79C32AVC Datasheet HTML 1Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 2Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 3Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 4Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 5Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 6Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 7Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 8Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
Am79C30A/32A Data Sheet
5
ORDERING INFORMATION
Standard Products
AMD® standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Reference Appendix C, Figures 1 & 2, for specific mechanical dimensions of the two packages.
DEVICE NAME/DESCRIPTION
Am79C30A/32A
Digital Subscriber Controller (DSC) device
ISDN Data Controller (IDC) device
AM79C30A/32A
JC
OPTIONAL PROCESSING
Blank = Standard Processing
TEMPERATURE RANGE
C = Commercial (0°C to +70°C)
PACKAGE TYPE
J = 44-Pin Plastic Leaded Chip Carrier (PL 044)
V = 44-Pin Thin Plastic Quad Flat Pack (PQT044)
SPEED OPTION
Not Applicable
Valid Combinations
AM79C30A
JC, VC
AM79C32A
JC, VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com