Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 23Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 24Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 25Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 26Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 27Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 28Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 29Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 30Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
Am79C30A/32A Data Sheet
27
The output frequency of the DTMF tone generator ap-
proximately equals:
where
i is the decimal equivalent of value programmed
into the FTGR register. This allows the DTMF genera-
tor to supply common dual tone call progress signals
such as Busy or Dial tones.
Note:
These coefficients do not apply to the DTMF generator.
The ATGR registers allow the user to program a gain of
–18 dB to 0 dB in 2-dB steps. Example ATGR codes to
obtain amplitude gains are listed in Table 23. 0 dB im-
plies a level of +3 dBm0. The gain values are rounded
off to the nearest 1 dB.
Note:
See the amendment to Table 23 following page 100.
Secondary Tone Ringer
A Secondary Tone Ringer is included, which is able to
ring the phone using the LS outputs while a voice con-
versation is in progress on the EAR outputs. The STR
is louder than the Tone Generator, and may be used
with or without enabling the MAP in order to provide
flexible control of system power consumption. The STR
is not available if the INIT register is programmed to
Idle or Power-Down mode. The amplitude and fre-
quency of the STR square-wave output waveform is
programmable via the STRA and STRF registers, re-
spectively. If both the LS outputs from the MAP receive
path and the STR are simultaneously enabled, priority
is given to the STR connection. The STR is available for
both the DSC and IDC circuits. A legal value must be
programmed in the STRF register before the STR is
enabled.
Table 22.
Tone Ringer and Tone Generator
Frequency Coefficients
Frequency (Hz)
Hex Code
2666
AB
2000
81
1600
67
1333
56
1142
4A
1000
41
889
39
800
34
727
2F
667
2B
615
28
571
25
533
23
500
21
471
1F
444
1D
421
1B
400
1A
381
19
364
18
348
17
333
16
320
15
DTMF Frequency in Hz
64000
integer 8192
i
⁄
() 1
+
----------------------------------------------------
=
Table 23.
Amplitude Gain Coefficients
Gain (dB)
Hex Code
–18
37
–16
32
–14
31
–12
27
–10
22
–8
21
–6
20
–4
12
–2
11
010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com