Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 67Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 68Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 69Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 70Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 71Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 72Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 73Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 74Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
Am79C30A/32A Data Sheet
71
Transmitter 0-dB Reference Point:
Nominal input voltage at AINA or AINB will produce a 0-dBm, 1-kHz digital code at the transmit output with all transmit gains at
0 dB.
A law = 625 mV rms
µ law = 620 mV rms
Receiver 0-dB Reference Point:
Nominal input voltage between EAR1/EAR2 or LS1/LS2 resulting from a 0-dBm, 1-kHz digital code at the receive input with all
receive gains at 0 dB.
A law = 1.25 mV rms
µ law = 1.2 mV rms
Table 54.
Codec Performance Specifications (Am79C30A only)
Parameter
Symbol
Parameter Descriptions
Test Conditions
Preliminary
Unit
Min
Max
TXG
Transmit absolute gain
0 dBm0; 1020 Hz; VCC = 5 V ±5%, TA
= 0°C–70°C; over all GA
–0.50
+0.50
dB
RXGE
Receive absolute gain at EAR1/EAR2
(nominal)
0 dBm0; 1020 Hz; VCC = 5 V ±5%; TA
= 0°C–70°C; Rload = 540 ohms
–0.50
+0.50
dB
RXGL
Receive absolute gain
0 dBm0; 1020 Hz; VCC = 5 V ±5%; TA =
0°C–70°C; Rload = 40 ohms
–0.80
+0.80
dB
TXSTD
Transmit signal/total distortion; CCITT method
2, 1020 Hz (Tx gain = 0)
–10 dBm0
–45 dBm0
35
24
dB
RXSTD
Receive signal/total distortion; CITT method 2,
1020 Hz (Rx gain = 0)
–10 dBm0
–45 dBm0
35
24
dB
TXGT
Transmit gain tracking; CCITT method 2, 1020
Hz (Tx gain = 0)
–45
–0.60
+0.60
dB
RXGT
Receive gain tracking; CCITT method 2, 1020
Hz (Rx gain = 0)
–45
–0.60
+0.60
dB
TXICN
Transmit Idle channel Noise AINA connected to
AREF
GX = 6 dB, GA = 18 dB
–66
dB
RXICN
Receive Idle channel Noise
GR = –12 dB, GER = 0 dB
–75
dB
Notes:
The following test conditions apply to all MAP tests:
1. An external 1-Kohm ± 5% resistor and 2200-pF ±10% capacitor are connected in series between the CAP1 and CAP2 pins
for all transmit tests.
2. All tests are half-channel with the sidetone path enabled but programmed for infinite attentuation (STG = 9008 hex).
3. Transmit specs are guaranteed for both AINA and AINB inputs with the auto-zero and high-pass filters enabled in MMR2.
4. Transmit specs are tested and guaranteed with the input signal source referenced to AREF; see test circuit below.
5. Receive specs are guaranteed for both EAR1/EAR2 and LS1/LS2 outputs measured differentially. Some degradation in
performance may occur if used single ended rather than differential.
0.1 µF
AINA or AINB
100K
AREF
~
Transmit Test Circuit with Input Source Referenced to AREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com