Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 3Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 4Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 5Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 6Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 7Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 8Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 9Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 10Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
Am79C30A/32A Data Sheet
7
RD
Read (Input)
The active Low read signal is conditioned by CS and in-
dicates that internal information is to be transferred
onto the data bus. A number of internal registers are
user accessible. The contents of the accessed register
are transferred onto the data bus after the High to Low
transition of the RD input.
WR
Write (Input)
The active Low write signal is conditioned by CS and
indicates that external information on the data bus is to
be transferred to an internal register. The contents of
the data bus are loaded on the Low to High transition of
the WR input.
Oscillator (OSC)
MCLK
Master Clock (Output)
The MCLK output is available for use as the system
clock for the microprocessor. MCLK is derived from the
12.288-MHz crystal via a programmable divider in the
Am79C30A/32A which provides the following MCLK
output frequencies: 12.288, 6.144, 4.096, 3.072, 1.536,
0.768, and 0.384 MHz.
XTAL1, XTAL2
External Crystal (Output, Input)
XTAL1 and XTAL2 are connected to an external parallel
resonant crystal for the on-chip oscillator. XTAL2 can
also be connected to an external source instead of a
crystal, in which case XTAL1 should be left discon-
nected. The frequency must be 12.288 MHz, ± 80 ppm.
Peripheral Port (PP)
SBIN
Serial Data (Input/Output)
When the Peripheral Port is programmed to SBP mode,
SBIN operates as an input for serial data. When the Pe-
ripheral Port is programmed to IOM-2 mode, SBIN
functions as the data input except in the special case of
IOM-2 Slave mode, when it becomes an open-drain
output during part or all of the IOM-2 frame, or when
deactivated.
SBOUT
Serial Data (Input/Output)
When the Peripheral Port is programmed to SBP mode,
SBOUT operates as an output for serial data. When the
Peripheral Port is programmed to IOM-2 mode, SBOUT
functions as the data output except in the special case
of IOM-2 Slave mode when it becomes an input during
part or all of the IOM-2 frame.
SCLK
Serial Data Clock (Input/Output)
When the PP is programmed to SBP mode, SCLK out-
puts a 192-kHz data clock, which may be inverted
under software control. When the PP is programmed to
IOM-2 Master mode, SCLK outputs a 1.536-MHz 2X
data clock. In IOM-2 Slave mode, SCLK functions as
the clock input. The SCLK pin defaults to a high-imped-
ance state upon reset, but becomes active after any
MUX connection is made or if the PP is programmed to
IOM-2 Master mode.
SFS
Serial Frame Sync (Input/Output)
In SBP mode, SFS outputs an 8-kHz frame synchroni-
zation signal. SFS is an output in IOM-2 Master mode,
and an input in IOM-2 Slave mode. As an output, SFS
is active for 8-bit periods. The SFS pin defaults to a
high-impedance state upon reset, but becomes active
after any MUX connection is made or if the PP is pro-
grammed to IOM-2 Master mode. For SBP mode, the
active signal state is Low during Idle and 8 kHz in Ac-
tive Data Only and Active Voice and Data modes.
BCL/CH2STRB
Bit Clock/SBP Channel 2 Strobe
(Output, Three-state)
In SBP mode, this pin provides a strobe during the 8-bit
times of the second 64-kbit/s data channel. In IOM-2
Master mode, this pin provides a 768-kHz bit clock to
aid in the connection of non-IOM-2 devices to the port.
In IOM-2 Slave mode, this pin is high-impedance.
Power Supply Pins
PLCC/TQFP Packages
AVCC
+5-V analog power supply, ±5%
AVSS
Analog ground
DVSS
Digital ground
DVCC
+5-V digital power supply, ±5%
Note:
For best performance, decoupling capacitors should be in-
stalled between VCC and VSS as close to the chip as possible.
Do not use separate supplies for analog and digital power
and ground connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com