Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C32AVC Datasheet HTML 1Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 2Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 3Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 4Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 5Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 6Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 7Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 8Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
FINAL
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 09893 Rev: H Amendment/0
Issue Date: December 1998
Am79C30A/32A
Digital Subscriber Controller™ (DSC™) Circuit
DISTINCTIVE CHARACTERISTICS
s Combines CCITT I.430 S/T-Interface Transceiver,
D-Channel LAPD Processor, Audio
s Processor (DSC device only), and IOM-2
Interface in a single chip
s Special operating modes allow realization of
CCITT I.430 power-compliant terminal
equipment
s S- or T-Interface Transceiver
— Level 1 Physical Layer Controller
— Supports point-to-point, short and extended
passive bus configurations
— Provides multiframe support
s Certified protocol software support available
s CMOS technology, TTL compatible
s D-channel processing capability
— Flag generation/detection
— CRC generation/checking
— Zero insertion/deletion
— Four 2-byte address detectors
— 32-byte receive and 16-byte transmit FIFOs
BLOCK DIAGRAM
CAP1
AINA
AREF
AINB
EAR1
EAR2
LS1
LS2
Main Audio
Processor (MAP)
SBIN
SCLK
BCL/CH2STRB*
SBIOUT
SFS
HSW
CAP2
(Am79C30A
Only)
XTAL1
XTAL2
MCLK
CS
WR
RD
Peripheral Port
(PP)
B-channel Multiplexer
(MUX)
Microprocessor Interface
(MUX)
Oscillator
(OSC)
Ba
Bb
Bc
Bd
Be
Bf
B1
B2
S/T Line
Interface Unit
(LIU)
D
Channel
LOUT1
LOUT2
LIN1
LIN2
D-Channel Data
Link Controller
(DLC)
D
Channel
RESET
D7 D6 D5 D4 D3 D2 D1 D0 INT A2
A1 A0
Microprocessor Interface
SBP/IOM-2 Interface
09893H-1


Similar Part No. - AM79C32AVC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C02 AMD-AM79C02 Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C02AJC AMD-AM79C02AJC Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C02JC AMD-AM79C02JC Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
logo
List of Unclassifed Man...
AM79C031 ETC1-AM79C031 Datasheet
501Kb / 48P
Advanced Subscriber Line Interface Circuit (ASLIC) Device
More results

Similar Description - AM79C32AVC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9173 MITEL-MT9173 Datasheet
411Kb / 22P
Digital Subscriber Interface Circuit with RxSB
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
Digital Signal Controller (DSC)
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com