Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 20Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 21Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 22Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 23Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 24Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 25Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 26Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 27Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
24
Am79C30A/32A Data Sheet
Main Audio Processor (MAP)
(Am79C30A only)
Overview
The MAP, as illustrated in Figure 3, implements au-
dio-band analog-to-digital (ADC) and digital-to-analog
(DAC) conversions together with a wide variety of audio
support functions. Analog interfaces are provided for a
handset earpiece, a handset mouthpiece, a micro-
phone, and a loudspeaker. A programmable analog
preamplifier is included in front of the A/D converter.
The codec and filter functions are implemented using
digital signal processing (DSP) techniques to provide
operational stability and programmable features. There
is one programmable digital gain stage in the transmit
path and two in the receive path to allow precise signal
level control. Sidetone attenuation is programmable,
and programmable equalization filters are present in
both the receive and transmit paths in order to modify
the frequency response of either or both paths. Tone
generation capability is included to allow generation of
ringing signals, DTMF tones, and call progress signals.
MAP operation is described in detail in the following
sections.
Audio Inputs
The audio input port consists of two inputs (AINA and
AINB) which are selectable, one at a time, by register
programming. Signals applied to these inputs must be
AC-coupled.
Earpiece and Loudspeaker Drivers
The earpiece and loudspeaker drivers each consist of
amplifiers with differential, low-impedance outputs. The
MAP receive path signal may be routed to either of
these outputs, or to both outputs simultaneously. Alter-
natively, the MAP receive path may be routed to the
EAR outputs while the Secondary Tone Ringer (STR)
is routed to the LS outputs. The EAR drivers can drive
loads Š130 ohms between the EAR1 and EAR2 pins,
while the LS drivers can drive loads Š40 ohms between
the LS1 and LS2 pins. The maximum capacitive-load-
ing between EAR1 and EAR2 or between LS1 and LS2
is 100 pF. The EAR outputs are high-impedance when
the MAP is disabled. The LS outputs are high imped-
ance when both the MAP and the Secondary Tone
Ringer are disabled.
CAP1
CAP2
AINA
AINB
AREF
GA*
ADC
Decimators, BPF
Digital
Loopback 1
Analog
Sidetone
Gain*
(A)
DTMF
GEN.
PEAKX
X*
GX*
COMP*
Ba channel
to
MUX
Transmitter
Receiver
Sidetone
Gain*
Loopback 2
Digital
EAR1
EAR2
LS1
LS2
DAC
STR*
Interpolators, LPF
R*
GER*
GR*
EXP*
Ba channel
from
MUX
PEAKR
Tone*
Ringer
Tone*
Gen.
(B)
(C)
+
Notes:
Minimum
Default
Maximum
Step
GX
0 dB**
0 dB
12 dB
0.5 dB
GER
–10 dB**
0 dB
18 dB
0.5 dB
GR
–12 dB**
0 dB
0 dB
0.5 dB
STG
–18 dB**
–18 dB
0 dB
0.5 dB
GA
0 dB
0 dB
24 dB
6.0 dB
ASTG
–27 dB**
8
–6 dB
1.5 dB
*Programmable
**These registers can also be programmed for infinite attenuation to break the signal path if desired.
Figure 3.
Main Audio Processor Block Diagram
09893H-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com