Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 33Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 34Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 35Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 36Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 37Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 38Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 39Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 40Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 101 page
background image
Am79C30A/32A Data Sheet
37
that a flag sequence is not repeated within the flag
boundaries of the frame, a logical 0 bit is automatically
inserted after each sequence of five contiguous logical
1s. When receiving, the DLC examines the frame con-
tent between the opening and closing flags and auto-
matically discards the first logical 0 which directly
follows five contiguous logical 1s.
D-Channel Address Recognition
The address field, shown in Figure 4, allows for three
types of addresses:
1. 1-byte address signified by the LSB of the first ad-
dress byte being set to a logical 1
2. 2-byte address signified by the LSB of the first ad-
dress byte being set to a logical 0, and the LSB of
the second address byte being set to a logical 1
3. More than 2-byte address signified by the LSB of
both the first and second address bytes being set to
a logical 0
In the case of the LAPD operating environments, the
address is a 2-byte address where the first byte is anal-
ogous to the Service Access Point Identifier (SAPI) and
the second byte is analogous to the Terminal Endpoint
Identifier (TEI) as defined by the CCITT recommenda-
tions.
The DLC is able to recognize D-channel addresses of
all of the three types outlined above. Note that only the
first two bytes of a more than 2-byte address can be
checked by the DLC. There are four First Received
Byte Address Registers (FRARs) which hold the values
used to match against the first byte of the incoming ad-
dress. Similarly, there are four Second Received Byte
Address Registers (SRARs) which hold the values
used to match against the second byte of the incoming
address.
FRAR4 defaults to FE hex; SRAR4 defaults to FF hex.
This default is analogous to the broadcast address de-
fined by the CCITT recommendations. The type of ad-
dress recognition which is enabled is shown in Table 38
Figure 4.
Level-2 Frame Structure Formats
8
7
6
5
4
3
2
1
OCTET 2
OCTET 3
SAPI
TEI
EA =1
EA =0 C/R
FLAG
ADDRESS
CONTROL
FCS
FLAG
01111110
16 bits
8 bits
16 bits
01111110
12,3
4
5,6
7
OCTET
FLAG
01111110
1
ADDRESS
16 bits
2,3
CONTROL
8 bits
4
INFORMATION
N bits
5 …
FCS
16 bits
N – 1
FLAG
01111110
N
OCTET
Minimum Packet
General
Notes:
EA = Address Field Extension bit
C/R = Command/Response Field bit
SAPI = Service Access Point Identifier
TEI = Terminal Endpoint Identifier
FCS = Frame Check Sequence
09893H-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com