Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 43Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 44Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 45Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 46Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 47Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 48Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 49Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 50Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 101 page
background image
Am79C30A/32A Data Sheet
47
D-Channel Error Register — (DER) — Read Only
The DER has the format illustrated in Table 48.
DER bits 0, 1, 3, 4, 5, and 6 are set when the last byte of the associated packet is read from the D-channel Receive
buffer.
The DER bits generate interrupts and are set/reset under the conditions shown in Table 49 (in addition to a hardware
reset).
Extended FIFO Control Register — (EFCR) — Read/Write
Address = Indirect 92H
Table 48.
D-Channel Error Register
Bit
Logical 1
Logical 0 (Default Value)
0
Received Packet Abort
No abort received
1
Non-integer number of bits have been received
Integer number of bits received
2
Collision Detected
No error
3
FCS Error
No error
4
Overflow Error
No error
5
Underflow Error
No error
6
Overrun Error
No error
7
Underrun Error
No error
Table 49.
DER Interrupts
Bit Generates Interrupt
Bit Set
Bit Reset
0
Yes, if DMR2 bit 0 = 1
When seven consecutive 1s are received
within a packet (DSR1 bit 2 = 1)
When the microprocessor reads the DER or
associated DRCR
1
Yes, if DMR2 bit 1 = 1
Upon error condition after closing flag has
been received
When the microprocessor reads the DER or
associated DRCR
2
Yes, if DMR2 bit 2 = 1
See section on collision detection
When the microprocessor reads the DER or when
DTCR is loaded
3
Yes, if DMR2 bit 3 = 1
If error occurs
When the microprocessor reads the DER or
associated DRCR
4
Yes, if DMR2 bit 4 = 1
If error occurs
When the microprocessor reads the DER or
associated DRCR
5
Yes, if DMR2 bit 5 = 1
If error occurs
When the microprocessor reads the DER or
associated DRCR
6
Yes, if DMR2 bit 6 = 1
If error occurs
When the microprocessor reads the DER or
associated DRCR
7
Yes, if DMR2 bit 7 = 1
If error occurs
When the microprocessor reads the DER or when
DTCR is loaded
Bit
Function
7
6
5
4
3
2
1
0
0
X
X
X
X
0
X
X
Bits 7 and 2 reserved, must be written to 0
See Table 20.
Bits 6–3 control attenuation of the analog sidetone path (ASTG)
0
X
X
X
X
0
0
X
Start of Second Received Packet In FIFO interrupt disabled
0
X
X
X
X
0
1
X
Start of Second Received Packet In FIFO interrupt enabled
0
X
X
X
X
0
X
0
Normal mode of FIFO operation
0
X
X
X
X
0
X
1
Extended mode of FIFO operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com