Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 16Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 17Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 18Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 19Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 20Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 21Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 22Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 23Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 101 page
background image
20
Am79C30A/32A Data Sheet
The three D-channel loopback controls defined in
LMR2 bits 0, 1, and 2 are explained below:
Bit 0, D-channel loopback at Am79C30A/32A enable:
This remote loopback is provided for maintenance pur-
poses from the NT’s perspective. The NT transmits
D-channel bits to the Am79C30A/32A where they are
internally looped (with the Data Link Controller) and
transmitted back to the NT. The incoming D-channel
data can be accessed by the microprocessor; however,
the microprocessor cannot send data on the outgoing
D channel.
Any difference between the transmitted D-channel bits
a nd t h e r e c e i ved E - c han ne l bi t s t o / f r om t h e
Am79C30A/32A (normally detected as an error which
halts the transmission) is ignored, thereby allowing the
transmission to continue.
Bit 1, D-channel loopback at LIU enable:
This local loopback is provided for local testing. Data on
the incoming D channel is ignored. The data from the
microprocessor is processed by the DLC and then
looped back to the microprocessor.
Bit 2, D-channel back-off disable:
This loopback is provided for maintenance purposes
from the TE’s perspective. The Am79C30A/32A trans-
mits D-channel bits to the NT where they are looped
and transmitted back to the Am79C30A/32A in the E
channel. The operation is normal except differences
between the D and E channels do not halt the trans-
mission.
Multiframe Register (MF), Read/Write
Address = Indirect A6H
Am79C30A
NT/PABX
DD
D
D
S
E
Am79C30A
NT/PABX
D
D
MPI
S
Am79C30A
NT/PABX
DD
E
E
S
Table 14.
Multiframe Register
Bit
Logical 1
Logical 0 (Default Value)
0
Enable Multiframe sync
Disable Multiframe sync
1
Enable S-data available interrupt
Disable interrupt
2
Enable Q-bit buffer empty interrupt
Disable interrupt
3
Enable Multiframe change of state interrupt
Disable interrupt
4
First subframe
Not first subframe
5, 6
Not used, reads logical 0
Not used, reads logical 0
7
Multiframe synchronized (read only)
Multiframe not synchronized (read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com