Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C32AVC Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM79C32AVC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C32AVC Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM79C32AVC Datasheet HTML 78Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 79Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 80Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 81Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 82Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 83Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 84Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 85Page - Advanced Micro Devices AM79C32AVC Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
82
Am79C30A/32A Data Sheet
Reset and Hookswitch Timing
Reset Timing
Hookswitch Timing
Note:
Due to clock start-up times, the hookswitch Min and Max Debounce times are approximately 3 ms greater in Power-Down Mode.
Figure 31.
Reset Timing
Figure 32.
Hookswitch Debounce Timing
Parameter Symbol
Parameter Description
Min
Max
Units
tRES
Reset Pulse Width
1
µs
tPHRL
Power Stable to Reset Low
1
µs
tF
Reset Transition Fall Time
1
ms
tR
Reset Transition Rise Time
20
µs
Parameter Symbol
Parameter Description
Min
Max
Units
tB
Debounce Time
16
16.25
ms
t1
HSW Detected to INT Delay
0
370
µs
4.75 V
VCC
RESET
VIL
VIH
tPHRL
tRES
tR
tF
09893H-23
09893H-24
HSW
INT
tB
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com