Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 113Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 114Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 115Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 116Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 117Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 118Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 119Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 120Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 219 page
background image
P R E L I M I N A R Y
AMD
117
Am79C970A
in the ring. While performing the
search for the next STP bit that is
set to ONE, the PCnet-PCI II
controller will advance through
the receive descriptor ring re-
gardless of the state of owner-
ship bits. If any of the entries that
are examined during this search
indicate PCnet-PCI II controller
ownership of the descriptor but
also have STP cleared to ZERO,
the PCnet-PCI II controller will
clear the OWN bit to ZERO in
these entries. If a scanned entry
indicates host ownership with
STP
cleared
to
ZERO,
the
PCnet-PCI II controller will not al-
ter the entry, but will advance to
the next entry.
When the STP bit is set to ONE,
but the descriptor that contains
this setting is not owned by the
PCnet-PCI II controller, then the
PCnet-PCI II controller will stop
advancing through the ring en-
tries and begin periodic polling of
this entry. When the STP bit is set
to ONE, and the descriptor that
contains this setting is owned by
the PCnet-PCI II controller, then
the PCnet-PCI II controller will
stop advancing through the ring
entries, store the descriptor infor-
mation that it has just read, and
wait for the next receive to arrive.
This behavior allows the host
software to pre-assign buffer
space in such a manner that the
header portion of a receive
packet will always be written to a
particular memory area, and the
data portion of a receive packet
will always be written to a sepa-
rate memory area. The interrupt
is generated when the header
bytes have been written to the
header memory area.
Read/Write accessible always.
LAPPEN
bit
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
See Appendix D for more infor-
mation
on
the
Look
Ahead
Packet Processing concept.
4
DXMT2PD
Disable Transmit Two Part De-
ferral (see the section “Medium
Allocation” for more details). If
DXMT2PD is set, Transmit Two
Part Deferral will be disabled.
Read/Write accessible always.
DXMT2PD
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
3
EMBA
Enable Modified Back-off Algo-
rithm (see the section “Collision
Handling” for more details). If
EMBA is set, a modified back-off
algorithm is implemented.
Read/Write accessible always.
EMBA is cleared by H_RESET
or S_RESET and is not affected
by STOP.
2
BSWP
Byte Swap. This bit is used to
choose between big and little
endian
modes
of
operation.
When BSWP is set to ONE, big
endian mode is selected. When
BSWP is cleared to ZERO, little
endian mode is selected.
When big endian mode is se-
lected, the PCnet-PCI II control-
ler will swap the order of bytes on
the AD bus during a data phase
on accesses to the FIFOs only:
AD[31:24] is byte 0, AD[23:16] is
byte 1, AD[15:8] is byte 2 and
AD[7:0] is byte 3.
When little endian mode is se-
lected, the order of bytes on the
AD bus during a data phase is:
AD[31:24] is byte 3, AD[23:16] is
byte 2, AD[15:8] is byte 1 and
AD[7:0] is byte 0.
Byte swap only affects data
transfers that involve the FIFOs.
Initialization block transfers, de-
scriptor transfers, RDP, RAP,
BDP
and
PCI
configuration
space accesses, Address PROM
transfers, and Expansion ROM
accesses are not affected by the
setting of the BSWP bit.
Note that the byte ordering of the
PCI bus is defined to be little
endian. BSWP should not be set
to ONE when the PCnet-PCI II
controller is used in a PCI
bus application.
Read/Write accessible always.
BSWP is cleared by H_RESET
or S_RESET and is not affected
by STOP.
1
RES
Reserved location. The default
value of this bit is a ZERO. Writ-
ing a ONE to this bit has no effect
on device function. If a ONE is
written to this bit, then a ONE will
be read back. Existing drivers
may write a ONE to this bit for
compatibility, but new drivers
should write a ZERO to this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com