Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 120 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 120 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 116Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 117Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 118Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 119Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 120Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 121Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 122Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 123Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 124Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 219 page
background image
AMD
P R E L I M I N A R Y
120
Am79C970A
Read/Write accessible always.
TXSTRTM is set to ONE by
H_RESET or S_RESET and is
unaffected
by
setting
the
STOP bit.
1
JAB
Jabber Error is set by the PCnet-
PCI II controller when the T-MAU
exceeds the allowed transmis-
sion time limit. Jabber can only
be asserted in 10BASE-T mode.
When JAB is set,
INTA is as-
serted if IENA is ONE and the
mask bit JABM is ZERO.
Read/Write accessible always.
JAB is cleared by the host by writ-
ing a ONE. Writing a ZERO has
no effect. JAB is cleared by
H_RESET, S_RESET or by set-
ting the STOP bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI II controller will
never set the value of this bit
to ONE.
0
JABM
Jabber Error Mask. If JABM is
set, the JAB bit will be masked
and unable to set the INTR bit.
Read/Write accessible always.
JABM
is
set
to
ONE
by
H_RESET or S_RESET and
is unaffected by setting the
STOP bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI II controller will
clear
the
value
of
this
bit
to ZERO.
CSR5: Extended Control and Interrupt
Bit
Name
Description
Certain bits in CSR5 indicate the
cause of an interrupt. The regis-
ter is designed so that these indi-
cator bits are cleared by writing
ONEs to those bit locations. This
means that the software can read
CSR5
and
write
back
the
value just read to clear the
interrupt condition.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
TOKINTD
Transmit OK Interrupt Disable. If
TOKINTD is set to ONE, the
TINT bit in CSR0 will not be set
when a transmission was suc-
cessful. Only a transmit error will
set the TINT bit.
TOKINTD has no effect when
LTINTEN (CSR5, bit 14) is set to
ONE. A transmit descriptor with
LTINT set to ONE will always
cause TINT to be set to ONE, in-
dependent of the success of
the transmission.
Read/Write accessible always.
TOKINTD
is
cleared
by
H_RESET or S_RESET and
is unaffected by setting the
STOP bit.
14
LTINTEN
Last Transmit Interrupt Enable.
When set to ONE, the LTINTEN
bit will cause the PCnet-PCI II
controller to read bit 28 of TMD1
as LTINT. The setting LTINT will
determine if TINT will be set at
the end of the transmission.
Read/Write accessible always.
LTINTEN
is
cleared
by
H_RESET or S_RESET and
is unaffected by setting the
STOP bit.
13–12
RES
Reserved locations. Written as
ZEROs and read as undefined.
11
SINT
System Interrupt is set by the
PCnet-PCI II controller when it
detects a system error during a
bus master transfer on the PCI
bus. System errors are data par-
ity error, master abort or a target
abort. The setting of SINT due to
a data parity error is not depend-
ent on the setting of PERREN
(PCI Command register, bit 6).
When SINT is set,
INTA is as-
serted if the enable bit SINTE is
ONE. Note that the assertion of
an interrupt due to SINT is not de-
pendent on the state of the INEA
bit, since INEA is cleared by the
STOP reset generated by the
system error.
Read/Write accessible always.
SINT is cleared by the host by
writing a ONE. Writing a ZERO
has no effect. The state of SINT
is not affected by clearing any of
the PCI Status register bits that
get set when a data parity error
(DATAPERR, bit 8), master abort
(RMABORT, bit 13) or target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com