Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 125 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 125 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 121Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 122Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 123Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 124Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 125Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 126Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 127Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 128Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 129Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 219 page
background image
P R E L I M I N A R Y
AMD
125
Am79C970A
When LRT is cleared to ZERO,
the unsquelch threshold for the
RXD circuit will be the standard
10BASE-T value of 300 mV–
520 mV peak.
In either case, the RXD circuit
post
squelch
threshold
will
be one half of the unsquelch
threshold.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Cleared by
H_RESET or S_RESET and is
unaffected
by
setting
the
STOP bit.
TSEL
Transmit Mode Select. TSEL
controls the levels at which the
AUI drivers rest when the AUI
transmit port is idle. When TSEL
is cleared to ZERO, DO+ and
DO– yield zero differential to op-
erate transformer coupled loads
(Ethernet 2 and 802.3). When
TSEL is set to ONE, the DO+
idles at a higher value with re-
spect to DO–, yielding a logical
HIGH state (Ethernet 1).
This bit only has meaning when
the
AUI
network
interface
is selected.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Cleared by
H_RESET or S_RESET.
8–7PORTSEL[1:0]
Port Select bits allow for software
controlled selection of the net-
work medium.
GPSIEN (CSR124, bit 4) must be
set to ONE in addition to pro-
gramming the PORTSEL bits in
order to select the GPSI port as
the active network port.
PORTSEL settings of AUI and
10BASE-T are ignored when the
ASEL bit of BCR2 (bit 1) has
been set to ONE.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. Cleared by
H_RESET or S_RESET and is
unaffected
by
setting
the
STOP bit.
6
INTL
Internal Loopback. See the de-
scription of LOOP (CSR15, bit 2).
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
5
DRTY
Disable Retry. When DRTY is
set to ONE, PCnet-PCI II control-
ler
will
attempt
only
one
transmission. In this mode, the
device will not protect the first 64
bytes of frame data in the trans-
mit FIFO from being overwritten,
because automatic re-transmis-
sion will not be necessary. When
DRTY is cleared to ZERO, the
PCnet-PCI II controller will at-
tempt 16 transmissions before
signaling a retry error.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set.
4
FCOLL
Force Collision. This bit allows
the collision logic to be tested.
The PCnet-PCI II controller must
be
in
internal
loopback
for
FCOLL to be valid. If FCOLL is
set to ONE, a collision will be
forced during loopback transmis-
sion attempts, which will result in
a Retry Error. If FCOLL is cleared
to ZERO, the Force Collision
logic will be disabled. FCOLL is
defined after the initialization
block is read.
Table 24. Loopback Configuration
LOOP
INTL
MENDECL
Loopback Mode
0
X
X
Non-loopback
1
0
X
External Loopback
1
1
0
Internal Loopback Include MENDEC
1
1
1
Internal Loopback Exclude MENDEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com