Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970AVCW Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # AM79C970AVCW
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970AVCW Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button AM79C970AVCW Datasheet HTML 124Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 125Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 126Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 127Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 128Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 129Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 130Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 131Page - Advanced Micro Devices AM79C970AVCW Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 219 page
background image
AMD
P R E L I M I N A R Y
128
Am79C970A
S_RESET or by setting the
STOP bit.
CSR26: Next Receive Descriptor Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 NRDAL
Contains the lower 16 bits of
the
next
receive
descriptor
address pointer.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR27: Next Receive Descriptor Address Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 NRDAU
Contains the upper 16 bits of
the
next
receive
descriptor
address pointer.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR28: Current Receive Descriptor Address
Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 CRDAL
Contains the lower 16 bits of
the current receive descriptor
address pointer.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR29: Current Receive Descriptor Address
Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 CRDAU
Contains the upper 16 bits of
the current receive descriptor
address pointer.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR30: Base Address of Transmit
Descriptor Ring Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
BADXL
Contains the lower 16 bits of the
base address of the transmit
descriptor ring.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR31: Base Address of Transmit
Descriptor Ring Upper
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 BADXU
Contains the upper 16 bits of the
base address of the transmit
descriptor ring.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.
CSR32: Next Transmit Descriptor Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0
NXDAL
Contains the lower 16 bits of
the
next
transmit
descriptor
address pointer.
Read/Write
accessible
only
when either the STOP or the
SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET or by setting the
STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com