Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 199 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 199 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 196Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 200Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 203Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 265 page
background image
Am79C971
199
AM79C971 BUS CONFIGURATION REGISTERS (CONTINUED)
20
SWSTYLE
Software Style (DEFAULT = 0000, maps to CSR 58)
21
INTCON
Interrupt Control
8000
--
4000
--
2000
--
1000
--
0800--
0400--
0200--
0100--
0080--
0040--
0020--
0010--
0008--
0004--
0002--
0001--
22
PCILAT
PCI Latency (DEFAULT = FF06)
bits [15:8] = MAX_LAT
bits [7:0] = MIN_GNT
25
SRAMSIZE
SRAM Size (DEFAULT = 000)
bits [7:0] = SRAM_SIZE
26
SRAMBND
SRAM Boundary (DEFAULT = 0000)
bits [7:0] = SRAM_BND
27
SRAMIC
SRAM Interface Control
8000
PTR TST
4000
LOLATRX
bits [5:3] = EBCS, Expansion Bus Clock Source
0000
CLK pin, PCI clock (external clock not required)
0008
XTAL1 and XTAL2 pins, 20 MHz clock (external clock not required)
0010
EBCLK pin, Expansion Bus Clock (external clock not required)
bits [2:0] = CLK_FAC, Expansion Bus Clock Factor
0000
1/1 clock factor
0001
1/2 clock factor
0002
--
0003
--
EPADDRL
Expansion Port Address Lower
29
EPADDRU
Expansion Port Address Upper
8000
FLASH
4000
AINC
2000
--
1000
--
0800
--
0400
--
0200
--
0100
--
0080
--
0040
--
0020
--
0010
--
0008
EPADDRU3
0004
EPADDRU2
0002
EPADDRU1
0001
EPADDRU0
30
EBDATA
Expansion Bus Data Port
31
STVAL
Software Timer Interrupt Value (DEFAULT = FFFF)
32
MIICAS
MII Status and Control (DEFAULT = 0400)
8000
ANTST
4000
MIIPD
2000
FMDC1
1000
FMD0
0800
APEP
0400
APDW2
0200
APDW1
0100
APDW0
0080
DANAS
0040
XPHYRST
0020
XPHYANE
0010
XPHYFD
0008
XPHYSP
0004
MII
µL
0002
MIILP
0001
FCON
33
MIIADDR
MII Address
bits [9:5] = PHYAD, Physical Layer Device Address
bits [4:0] = REGAD, MII/Auto-Negotiation Register Address
34
MIIMDR
MII Data Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com