Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 201 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 201 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 200Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 205Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 265 page
background image
Am79C971
201
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES UNLESS
OTHERWISE SPECIFIED (CONTINUED)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Digital Input Leakage Current for 3.3-V Signaling
IIX
Input Low Leakage Current
(Note 4)
VIN = 0 V, VDD = VDD_PCI = 3.3 V
-10
10
µA
Digital Output Leakage Current for 3.3-V Signaling
IOZL
Output Low Leakage Current
(Note 5)
VOUT = 0.4V
-10
µA
IOZH
Output High Leakage Current
(Note 5)
VOUT = VDD, VDD_PCI
10
µA
Crystal Input Current
VILX
XTAL1 Input LOW Voltage
Threshold
VIN = External Clock
-0.5
0.8
V
VIHX
XTAL1 Input HIGH Voltage
Threshold
VIN = External Clock
VDD - 0.8
VDD + 0.5
V
IILX
XTAL1 Input LOW Current
VIN = External Clock
Active
-120
0
µA
VIN = VSS
Sleep
-10
+10
µA
IIHX
XTAL1 Input HIGH Current
VIN = External Clock
Active
0
120
µA
VIN = VDD
Sleep
400
µA
Power Supply Current
IDD
Active Power Supply Current
XTAL1 = 20 MHz, CLK = 33 MHz,
MDC = 2.5 MHz,
TX_CLK=RX_CLK=25 MHz
190
mA
IDDCOMA
Sleep Mode Power Supply Current
SLEEP active
700
µA
IDDSNOOZE
Auto Wake Mode Power Supply
Current
Awake bit set active
20
mA
IDDmagic0
Magic Packet Mode Power
Supply Current
CLK = 0 MHz (Note 11)
55
mA
IDDmagic33
Magic Packet Mode Power
Supply Current
CLK = 33 MHz (Note 11)
125
mA
Pin Capacitance
CIN
Input Pin Capacitance
FC = 1 MHz (Note 6, 10)
10
pF
CO
I/O or Output Pin Capacitance
FC = 1 MHz (Note 6)
10
pF
CCLK
CLK Pin Capacitance
FC = 1 MHz (Note 6)
5
12
pF
Twisted Pair Interface (10BASE-T)
IIRXD
Input Current at RXD
±
AVDD< VIN < AVDD
-500
500
µA
RRXD
RXD
± differential input resistance
10
k
Ω
VTIVB
RXD
±, RXD- open circuit input
voltage (Bias)
IIN = 0 mA
AVDD -
3.0
AVDD - 1.5 V
VTIDV
Differential Mode input voltage range
(RXD
±)
AVDD = 5.0 V
-3.1
3.1
V
VTSQ+
RXD positive squelch threshold
(peak)
Sinusoid 5 MHz
≤ f ≤ 10
MHz
LRT = 0 (CSR15, bit 9)
300
520
mV
VTSQ-
RXD negative squelch threshold
(peak)
Sinusoid 5 MHz
≤ f ≤ 10
MHz
LRT = 0 (CSR15, bit 9)
-520
-300
mV
VTHS+
RXD post-squelch positive threshold
(peak)
Sinusoid 5 MHz
≤ f ≤ 10
MHz
LRT = 0 (CSR15, bit 9)
150
293
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com