Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 205 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 205 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 206Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 207Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 208Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 209Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 265 page
background image
Am79C971
205
SWITCHING CHARACTERISTICS: BUS INTERFACE (CONCLUDED)
Note:
Address is the EBUA_EBA[7:0] bus. Data is the EBDA[15:8] and the EBD[7:0] buses.
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
Expansion Bus Interface Timing
FCLK
EBCLK Frequency
2.5
33
MHz
tCYC
EBCLK Period
@ 1.5 V
30
400
ns
tHIGH
EBCLK High Time
@ 2.0 V
12
ns
tLOW
EBCLK Low Time
@ 0.8 V
12
ns
tFALL
EBCLK Fall Time
over 2 V p-p
1
4
V/ns
tRISE
EBCLK Rise Time
over 2 V p-p
1
4
V/ns
tv_A_D
Address and Data valid time from the
rising edge of EBCLK
13
ns
tCS_L
ERAMCS assert time from the rising
edge of EBCLK
13
ns
tCS_H
ERAMCS deassert time from rising
edge of EBCLK
7
10
ns
ts_D
Data setup time to the rising edge of
EBCLK
0
ns
th_D
Data hold time from the rising edge of
EBCLK
6
ns
t_AS_H
AS_EBOE (Address Strobe) rising
edge from the falling edge of EBCLK
10
13
ns
t_AS_L
AS_EBOE falling edge from the
rising edge of EBCLK
10
13
ns
t_OE_H
AS_EBOE (Output enable deassert)
rising edge from the rising edge of
EBCLK
7
ns
t_LZ
Data Bus driving from the rising edge
of EBCLK
5
ns
t_HZ
Data Bus tristated from the rising
edge of EBCLK
13
ns
t_WE_L
EBWE assert time from the falling
edge of EBCLK
6
ns
t_WE_H
EBWE deassert time from the rising
edge of EBCLK
10
ns
t_WE_CSAD
EBWE setup time to Address,
ERAMCS, and Data
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com