Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 206 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 206 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 206Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 207Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 208Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 209Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 210Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 265 page
background image
206
Am79C971
SWITCHING CHARACTERISTICS: 10BASE-T INTERFACE
Note:
Not tested, parameter guaranteed by characterization.
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
Transmit Timing
tTETD
Transmit Start of Idle
250
350
ns
tTR
Transmitter Rise Time
(10% to 90%)
5.5
ns
tTF
Transmitter Fall Time
(90% to 10%)
5.5
ns
tTM
Transmitter rise and fall time
mismatch
tTM = | tTR - tTF |
1
ns
tXMTON
XMT asserted delay
100
ns
tXMTOFF
XMT deasserted delay
20
62
ms
tPERLP
Idle Signal Period
8
24
ms
tPWLP
Idle Link Pulse Width
(See note below)
75
120
ns
tPWPLP
Predistortion Idle Link Pulse Width
(See note below)
45
55
ns
tJA
Transmit jabber activation time
20
150
ms
tJR
Transmit jabber reset time
250
750
ms
tJREC
Transmit jabber recovery time
(minimum time gap between
transmitted frames to prevent jabber
activation)
1.0
µs
Receiving Timing
tPWNRD
RXD pulse width not to turn off
internal carrier sense
VIN > VTHS(min)
136
ns
tPWROFF
RXD pulse width to turn off
VIN > VTHS(min)
200
ns
tRETD
Receive Start of Idle
200
ns
tRCVON
RCV asserted delay
TRON - 50
TRON +
100
ns
tRCVOFF
RCV deasserted delay
20
62
ms
Collision Detection and SQE Test
tCOLON
COL asserted delay
750
900
ns
tCOLOFF
COL deasserted delay
20
62
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com