Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 104Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 105Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 106Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 107Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 108Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 109Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 110Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 111Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 265 page
background image
108
Am79C971
The following is a list of the registers that would typically
need to be periodically read and perhaps written during
the normal running operation of the Am79C971 control-
ler within a system. Each of these registers contains
control bits, or status bits, or both.
RAP
Register Address Port
CSR0
Am79C971 Controller Status
CSR3
Interrupt Masks and Deferral Control
CSR4
Test and Features Control
CSR5
Extended Control and Interrupt
CSR7
Extended Control and Interrupt2
CSR112
Missed Frame Count
CSR114
PCI Status register
The following registers are only necessary if an exter-
nal PHY device is being used and accessed.
BCR32
MII Control and Status
BCR33
MII Address
BCR34
MII Management Data
s Test Registers
These registers are intended to be used only for testing
and diagnostic purposes. Those registers not included
in any of the above lists can be assumed to be intended
for diagnostic purposes.
PCI Configuration Registers
PCI Vendor ID Register
Offset 00h
The PCI Vendor ID register is a 16-bit register that iden-
tifies the manufacturer of the Am79C971 controller.
AMD’s Vendor ID is 1022h. Note that this vendor ID is
not the same as the Manufacturer ID in CSR88 and
CSR89. The vendor ID is assigned by the PCI Special
Interest Group.
The PCI Vendor ID register is located at offset 00h in
the PCI Configuration Space. It is read only.
PCI Device ID Register
Offset 02h
The PCI Device ID register is a 16-bit register that
uniquely identifies the Am79C971 controller within
AMD's product line. The Am79C971 Device ID is
2000h. Note that this Device ID is not the same as the
Part number in CSR88 and CSR89. The Device ID is
assigned by AMD. The Device ID is the same as the
PCnet-PCI II (Am79C970A) device.
The PCI Device ID register is located at offset 02h in
the PCI Configuration Space. It is read only.
This register is the same as BCR35 and can be written
by the EEPROM.
PCI Command Register
Offset 04h
The PCI Command register is a 16-bit register used to
control the gross functionality of the Am79C971 con-
troller. It controls the Am79C971 controller's ability to
generate and respond to PCI bus cycles. To logically
disconnect the Am79C971 device from all PCI bus cy-
cles except configuration cycles, a value of 0 should be
written to this register.
The PCI Command register is located at offset 04h in
the PCI Configuration Space. It is read and written by
the host.
Bit
Name
Description
15-10
RES
Reserved locations. Read as ze-
ros; write operations have no ef-
fect.
9
FBTBEN
Fast Back-to-Back Enable. Read
as zero; write operations have no
effect. The Am79C971 controller
will not generate Fast Back-to-
Back cycles.
8
SERREN
SERR Enable. Controls the as-
sertion of the SERR pin. SERR is
disabled
when
SERREN
is
cleared. SERR will be asserted
on detection of an address parity
error and if both SERREN and
PERREN (bit 6 of this register)
are set.
SERREN
is
cleared
by
H_RESET and is not effected by
S_RESET or by setting the STOP
bit.
7
RES
Reserved location. Read as ze-
ros; write operations have no ef-
fect.
6
PERREN
Parity Error Response Enable.
Enables the parity error response
functions. When PERREN is 0
and the Am79C971 controller de-
tects a parity error, it only sets the
Detected Parity Error bit in the
PCI Status register. When PER-
REN is 1, the Am79C971 control-
ler
asserts
PERR
on
the
detection of a data parity error. It
also sets the DATAPERR bit (PCI
Status register, bit 8), when the
data parity error occurred during
a master cycle. PERREN also
enables reporting address parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com